Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC200 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSC200
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSC200 Datasheet HTML 10Page - STMicroelectronics TSC200 Datasheet HTML 11Page - STMicroelectronics TSC200 Datasheet HTML 12Page - STMicroelectronics TSC200 Datasheet HTML 13Page - STMicroelectronics TSC200 Datasheet HTML 14Page - STMicroelectronics TSC200 Datasheet HTML 15Page - STMicroelectronics TSC200 Datasheet HTML 16Page - STMicroelectronics TSC200 Datasheet HTML 17Page - STMicroelectronics TSC200 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Absolute maximum ratings ............................................................. 3
Table 3.
Operating conditions ................................................................. 3
Table 4.
Electrical characteristics of the Current sense amplifier at VCC = 12 V, VICM = 12 V, VSense = 100 mV, RL = 10 kΩ to
GND, Rpull-up = 5.1 kΩ connected from CMPOUT to VCC, CMPIN = GND, T = 25 °C (unless otherwise specified) .. 4
Table 5.
Electrical characteristics of the Comparator at VCC = 12 V, VICM = 12 V, VSense = 100 mV, RL = 10 kΩ to GND, Rpull-
up = 5.1 kΩ connected from CMPOUT to VCC, T = 25 °C (unless otherwise specified) ..................... 6
Table 6.
SO8 package mechanical data ......................................................... 11
Table 7.
MiniSO8 mechanical data ............................................................. 12
Table 8.
Ordering information................................................................. 13
Table 9.
Document revision history ............................................................. 14
TSC200
List of tables
DS13882 - Rev 1
page 16/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com