Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC200 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSC200
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSC200 Datasheet HTML 10Page - STMicroelectronics TSC200 Datasheet HTML 11Page - STMicroelectronics TSC200 Datasheet HTML 12Page - STMicroelectronics TSC200 Datasheet HTML 13Page - STMicroelectronics TSC200 Datasheet HTML 14Page - STMicroelectronics TSC200 Datasheet HTML 15Page - STMicroelectronics TSC200 Datasheet HTML 16Page - STMicroelectronics TSC200 Datasheet HTML 17Page - STMicroelectronics TSC200 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connections (top view) ............................................................ 2
Figure 3.
Typical comparator hysteresis.......................................................... 6
Figure 4.
Gain vs. frequency (CL = 1000 pF) ...................................................... 7
Figure 5.
Gain vs. frequency (CL = 100 pF) ....................................................... 7
Figure 6.
Gain plot ........................................................................ 7
Figure 7.
CMRR and PSRR vs. frequency ........................................................ 7
Figure 8.
Output error vs. Vsense............................................................... 8
Figure 9.
Output error vs. common mode voltage ................................................... 8
Figure 10.
Output current vs. output voltage at VCC = 2.7 V ............................................. 8
Figure 11.
Output current vs. output voltage at VCC = 12 V ............................................. 8
Figure 12.
Quiescent current vs. output voltage ..................................................... 8
Figure 13.
Quiescent current vs. common mode voltage ............................................... 8
Figure 14.
Output short-circuit current vs. supply voltage............................................... 9
Figure 15.
Step response for 20 to 30 mV Vsense .................................................... 9
Figure 16.
Step response for 20 to 110 mV Vsense ................................................... 9
Figure 17.
Step response for 90 to 100 mV Vsense ................................................... 9
Figure 18.
Comparator VOL vs. ISINK............................................................. 9
Figure 19.
Comparator trip points vs. VCC ......................................................... 9
Figure 20.
Comparator trip points vs. temperature .................................................. 10
Figure 21.
Comparator reset voltage vs. VCC ...................................................... 10
Figure 22.
Comparator propagation delay vs. overdrive voltage ......................................... 10
Figure 23.
Comparator propagation delay vs. temperature............................................. 10
Figure 24.
Comparator propagation delay ........................................................ 10
Figure 25.
SO8 package outline ............................................................... 11
Figure 26.
MiniSO8 package outline ............................................................ 12
TSC200
List of figures
DS13882 - Rev 1
page 17/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com