Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7722 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV7722
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7722 Datasheet(HTML) 5 Page - STMicroelectronics

  TSV7722 Datasheet HTML 1Page - STMicroelectronics TSV7722 Datasheet HTML 2Page - STMicroelectronics TSV7722 Datasheet HTML 3Page - STMicroelectronics TSV7722 Datasheet HTML 4Page - STMicroelectronics TSV7722 Datasheet HTML 5Page - STMicroelectronics TSV7722 Datasheet HTML 6Page - STMicroelectronics TSV7722 Datasheet HTML 7Page - STMicroelectronics TSV7722 Datasheet HTML 8Page - STMicroelectronics TSV7722 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
3
Electrical characteristics
Table 5. Electrical characteristics at VCC = 5.0 V, Vicm = VOUT = VCC / 2, T = 25 °C, RL = 10 kΩ connected to VCC / 2 and
CL = 47 pF (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
±200
µV
-40 °C ≤ T ≤ 125 °C
±700
∆Vio/∆T
Input offset voltage drift
-40 °C ≤ T ≤ 125 °C
±5
µV/°C
Iib
Input bias current
T = 25 °C
2
pA
-40 °C ≤ T ≤ 125 °C
75
Iio
Input offset current
T = 25 °C
1
pA
-40 °C ≤ T ≤ 125 °C
20
AVD
Open loop gain
VCC-+100 mV ≤ VOUT ≤ VCC+ -100 mV,
T = 25 °C
110
dB
VCC-+100 mV ≤ VOUT ≤ VCC+ -100 mV,
-40 °C ≤ T ≤ 125 °C
95
RL = 2 kΩ, VCC- + 200 mV ≤ VOUT ≤ VCC+ -200 mV,
T = 25 °C
105
RL = 2 kΩ, VCC- + 200 mV ≤ VOUT ≤ VCC+ -200 mV,
40 °C ≤ T ≤ 125 °C
90
CMR1
Common-mode rejection
ratio
20.log(∆Vio/∆Vicm)
VCC- -0.1 V ≤ Vicm ≤ VCC+ -1.8 V,
T = 25 °C
98
120
dB
VCC- -0.1 V ≤ Vicm ≤ VCC+ -1.8 V,
-40 °C ≤ T ≤ 125 °C
90
110
CMR2
VCC- -0.1 V ≤ Vicm ≤ VCC+,
T = 25 °C
81
100
VCC- -0.1 V ≤ Vicm ≤ VCC+,
-40 °C ≤ T ≤ 125 °C
76
92
SVR
Supply voltage rejection
ratio
20.log(∆Vio/∆VCC)
2.0 V ≤ VCC ≤ 5.5 V, T = 25 °C, Vicm = 0 V
90
110
dB
2.0 V ≤ VCC ≤ 5.5 V, -40 °C ≤ T ≤ 125 °C,
Vicm = 0 V
90
110
VOH
High level output voltage
drop
(VOH = VCC+ - VOUT)
T = 25 °C
10
mV
-40 °C ≤ T ≤ 125 °C
20
VOL
Low level output voltage
drop
(VOL = VOUT)
T = 25 °C
10
-40 °C ≤ T ≤ 125 °C
20
IOUT
Isink (RL connected to VCC+)
T = 25 °C
45
65
mA
-40 °C ≤ T ≤ 125 °C
30
Isource (RL connected to
VCC-)
T = 25 °C
45
65
-40 °C ≤ T ≤ 125 °C
30
TSV771, TSV772
Electrical characteristics
DS13842 - Rev 3
page 5/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com