Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7722 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSV7722
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7722 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSV7722 Datasheet HTML 19Page - STMicroelectronics TSV7722 Datasheet HTML 20Page - STMicroelectronics TSV7722 Datasheet HTML 21Page - STMicroelectronics TSV7722 Datasheet HTML 22Page - STMicroelectronics TSV7722 Datasheet HTML 23Page - STMicroelectronics TSV7722 Datasheet HTML 24Page - STMicroelectronics TSV7722 Datasheet HTML 25Page - STMicroelectronics TSV7722 Datasheet HTML 26Page - STMicroelectronics TSV7722 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
6
Typical applications
6.1
Low-side current sensing
Power management mechanisms are found in most electronic systems. Current sensing is useful for protecting
applications. The low-side current sensing method consists of placing a sense resistor between the load and the
circuit ground. The resulting voltage drop is amplified using the TSV771 and TSV772 (see Figure 48. Low-side
current sensing schematic).
Figure 48. Low-side current sensing schematic
Vout can be expressed as follows:
VOut=Rsℎunt.I1− Rg2
Rg2+Rf2 . 1+Rf1Rg1 +Ip. Rg2.Rf2
Rg2+Rf2. 1+Rf1Rg1 −In.Rf1
−Vio. 1+Rf1Rg1
(4)
Assuming that Rf2 = Rf1 = Rf and Rg2 = Rg1 = Rg, this equation can be simplified as follows:
VOut=Rsℎunt.I.RfRg−Vio. 1+RfRg +Rf.Iio
(5)
The main advantage of using the TSV771 and TSV772 for a low-side current sensing relies on its low Vio,
compared to general purpose operational amplifiers. For the same current and targeted accuracy, the shunt
resistor can be chosen with a lower value, resulting in lower power dissipation, lower drop in the ground path, and
lower cost. Particular attention must be paid to the matching and precision of Rg1, Rg2, Rf1, and Rf2, to maximize
the accuracy of the measurement.
6.2
Photodiode transimpedance amplification
The TSV7722, with high bandwidth and slew rate, is well suited for photodiode signal conditioning in a
transimpedance amplifier circuit. This application is useful in high performance UV sensors, smoke detectors
or particle sensors.
TSV771, TSV772
Typical applications
DS13842 - Rev 3
page 23/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com