Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7722 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSV7722
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7722 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSV7722 Datasheet HTML 20Page - STMicroelectronics TSV7722 Datasheet HTML 21Page - STMicroelectronics TSV7722 Datasheet HTML 22Page - STMicroelectronics TSV7722 Datasheet HTML 23Page - STMicroelectronics TSV7722 Datasheet HTML 24Page - STMicroelectronics TSV7722 Datasheet HTML 25Page - STMicroelectronics TSV7722 Datasheet HTML 26Page - STMicroelectronics TSV7722 Datasheet HTML 27Page - STMicroelectronics TSV7722 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Figure 49. Photodiode transimpedance amplifier circuit
The transimpedance amplifier circuit converts the small photodiode output current in the nA range, into a voltage
signal readable by an ADC following Eq. (6):Vout=Rf.Ipℎotodiode
(6)
The feedback resistance is usually in the MΩ range, in order to get a large enough voltage output range.
However, together with the diode parasitic capacitance, the op amp input capacitances and the PCB stray
capacitance, this feedback network creates a pole that makes the circuit oscillate. Using a small (few pF)
capacitor in parallel with the feedback resistor is mandatory to stabilize the circuit. The value of this capacitor can
be tuned to optimize the application settling time with a SPICE simulation using the op amp macromodel, or by
prototyping.
For more details on tuning this circuit, please read the application note AN4451.
TSV771, TSV772
Photodiode transimpedance amplification
DS13842 - Rev 3
page 24/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com