Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFF Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # CFF
Description  Carbon Film Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CFF Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

Back Button CFF Datasheet HTML 3Page - Stackpole Electronics, Inc. CFF Datasheet HTML 4Page - Stackpole Electronics, Inc. CFF Datasheet HTML 5Page - Stackpole Electronics, Inc. CFF Datasheet HTML 6Page - Stackpole Electronics, Inc. CFF Datasheet HTML 7Page - Stackpole Electronics, Inc. CFF Datasheet HTML 8Page - Stackpole Electronics, Inc. CFF Datasheet HTML 9Page - Stackpole Electronics, Inc. CFF Datasheet HTML 10Page - Stackpole Electronics, Inc. CFF Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Rev Date: 3/3/2022
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CF / CFM Series
Carbon Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Current Noise:
Reel Packaging Specifications
This is a non-critical dimension that does not have a tolerance in the standard.
Range of diameters is from 0.547 inches (13.90 mm) to 1.500 inches (38.10 mm).
(1) Reference value only. The "A" dimension shall be governed by the overall length of the taped component.
The distance between flanges shall be 0.059 inches (1.50 mm) to 0.315 (8.00 mm) greater than the overall component.
(2) The given dimension "D" expresses the standard width spacing. A 26 mm narrow spacing is available as option "N" packaging code.
Dimension "E":
Contact Stackpole for more details.
Type/Code
Size
Class
Tape
A Max
(1).
B Max
Unit
2.508
inches
63.70
mm
2.508
inches
63.70
mm
2.638
0.197 ± 0.020
inches
67.00
5.00 ± 0.50
mm
2.736
inches
69.50
mm
0.250
2.972
13.504
2.063 ± 0.079
inches
6.35
75.50
343.00
52.40 ± 2.00
mm
3.130
0.394 ± 0.020
inches
79.50
10.00 ± 0.50
mm
2.508
inches
63.70
mm
2.638
0.197 ± 0.020
inches
67.00
5.00 ± 0.50
mm
2.736
inches
69.50
mm
CFM, CFQM, CFFM
CFM, CFQM
14
12
1
D
(2)
I
C
CF, CFQ
18
14
12
1
CFF
CF, CFQ, CFF
CF, CFQ
2
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com