Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFF Datasheet(PDF) 11 Page - Stackpole Electronics, Inc.

Part # CFF
Description  Carbon Film Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CFF Datasheet(HTML) 11 Page - Stackpole Electronics, Inc.

Back Button CFF Datasheet HTML 3Page - Stackpole Electronics, Inc. CFF Datasheet HTML 4Page - Stackpole Electronics, Inc. CFF Datasheet HTML 5Page - Stackpole Electronics, Inc. CFF Datasheet HTML 6Page - Stackpole Electronics, Inc. CFF Datasheet HTML 7Page - Stackpole Electronics, Inc. CFF Datasheet HTML 8Page - Stackpole Electronics, Inc. CFF Datasheet HTML 9Page - Stackpole Electronics, Inc. CFF Datasheet HTML 10Page - Stackpole Electronics, Inc. CFF Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev Date: 3/3/2022
11
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CF / CFM Series
Carbon Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
How to Order
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
1
2
3
4
5
6
7
8
9
10
C
F
1
2
J
T
1
0
0
K
Resistance Value
Code
Description
Code
W
Code Tol
Code Description
Product Code
Qty
CF
Standard
18
0.125
G
2%
CFM
Mini
CFF18
0.166
J
5%
CFF
Flameproof
14
0.25
CFFM
Flameproof (mini)
12
0.5
10 ohm = 10R0
PCF
Panasert CF14
1
1
10.2 Kohm = 10K2
PCFM
Panasert CFM12
2
2
CFM1, CFQM1
2500
1 Mohm = 1M00
CF1, CFQ1
2000
CF2, CFQ2
1000
CFQM
Tin plating (mini)
CF2
1000
B
(*)
Bulk
All Sizes
1000
PCFQ
Product Series
Tolerance
Four characters with
the multiplier used as
the decimal holder.
CFQ
Tin plating on
copper wire
Tin plating on
copper wire Panasert
T
Tape and
Reel
CF18, CFQ18, CFF18
CF14, CFM14, CFF14, CFFM14
CFQ14, CFQM14, PCF14
CF12, CFM12, CFF12, CFFM12
CFQ12, CFQM12, PCFM12
5000
A
Ammo
CF18, CFQ18, CFF18
CF14, CFF14, CFFM14, CFM14
CFQ14, CFQM14
CFM12, CFFM12, CFQM12
(*) Bulk packaging may be subject to 25Kpc MOQ
Power Rating
Packaging
CF12, CFF12, CFQ12, PCFM12
CF1, CFM1, CFQ1, CFQM1
PCF14
2000
5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com