Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFF Datasheet(PDF) 10 Page - Stackpole Electronics, Inc.

Part # CFF
Description  Carbon Film Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CFF Datasheet(HTML) 10 Page - Stackpole Electronics, Inc.

Back Button CFF Datasheet HTML 3Page - Stackpole Electronics, Inc. CFF Datasheet HTML 4Page - Stackpole Electronics, Inc. CFF Datasheet HTML 5Page - Stackpole Electronics, Inc. CFF Datasheet HTML 6Page - Stackpole Electronics, Inc. CFF Datasheet HTML 7Page - Stackpole Electronics, Inc. CFF Datasheet HTML 8Page - Stackpole Electronics, Inc. CFF Datasheet HTML 9Page - Stackpole Electronics, Inc. CFF Datasheet HTML 10Page - Stackpole Electronics, Inc. CFF Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Rev Date: 3/3/2022
10
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CF / CFM Series
Carbon Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in
the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
RoHS Compliance Status
Standard Color Codes
Nominal
Multiplier
Tolerance (%)
Black
0
1
-
Brown
1
10
1
Red
2
100
2
Orange
3
1 K
-
Yellow
4
10 K
-
Green
5
100 K
0.5
Blue
6
1000 K
0.25
Violet
7
-
0.1
Gray
8
-
-
White
9
0.001
-
Silver
-
0.01
10
Gold
-
0.1
5
PRECISION - Have three significant-figure bands, a
multiplier band and a tolerance band. Tolerances 1% or
less.
GENERAL PURPOSE - Have two significant-figure
bands, a multiplier band and a tolerance band.
Tolerances 2% or greater.
1
2
3
4
5
Band
Precision
General Purpose
1st Band
Nominal
Nominal
2nd Band
Nominal
Nominal
3rd Band
Nominal
Multiplier
4th Band
Multiplier
Tolerance
5th Band
Tolerance
-
Color Band Description
CF
Carbon Film Leaded Resistor
Axial
YES
100% Matte Sn
Jan-04 (Taiwan, China)
04/01
CFM
Mini-Carbon Film Leaded Resistor
Axial
YES
100% Matte Sn
Jan-04 (Taiwan, China)
04/01
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series RoHS
Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com