Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # HCS
Description  High Current Metal Element Shunt Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCS Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  HCS Datasheet HTML 1Page - Stackpole Electronics, Inc. HCS Datasheet HTML 2Page - Stackpole Electronics, Inc. HCS Datasheet HTML 3Page - Stackpole Electronics, Inc. HCS Datasheet HTML 4Page - Stackpole Electronics, Inc. HCS Datasheet HTML 5Page - Stackpole Electronics, Inc. HCS Datasheet HTML 6Page - Stackpole Electronics, Inc. HCS Datasheet HTML 7Page - Stackpole Electronics, Inc. HCS Datasheet HTML 8Page - Stackpole Electronics, Inc. HCS Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev Date: 5/12/2022
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCS Series
High Current Metal Element Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Function Performance Characteristics
Environmental Performance Characteristics (cont.)
Test
Test Specification
Test Condition
The part shall be immersed into the flux specified in the solder bath
235ºC ± 5ºC for 2 seconds ± 0.5 seconds. It shall be immersed to a point
10 mm from its root.
(Sn96.5/Ag3.0/Cu0.5) (JIS-C5 202 6.11)
Solderability
Note: The terminal temperature of component should be below 100ºC.
Mount the chip to test 90 mm (L)*40 mm (W) FR4 printed circuit board
substrate. Apply pressure in direction of arrow unit band width reaches
2 mm (+0.2 / -0 mm) illustrated in the picture below and hold for 10 ± 1
seconds (JIS-C5202-6.1)
Bending Strength
ΔR: ± (1% + 0.0005Ω)
Solder shall cover 95% or more
of the electrode area
Test
Test Specification
Test Condition
Operating temperature range is -55°C to +170°C
Storage condition is 22°C to 28°C, humidity is of 40% to 75%.
The chip (mounted on board) is exposed, - 55 ± 3ºC (30 min) / +125 ± 2ºC
(30 minutes) for 5 cycles. The following conditions as the figure below.
(JIS_C5202-7.4)
Rapid Change of Temperature
ΔR: ± (1% + 0.0005Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com