Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS Datasheet(PDF) 11 Page - Stackpole Electronics, Inc.

Part # HCS
Description  High Current Metal Element Shunt Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCS Datasheet(HTML) 11 Page - Stackpole Electronics, Inc.

Back Button HCS Datasheet HTML 3Page - Stackpole Electronics, Inc. HCS Datasheet HTML 4Page - Stackpole Electronics, Inc. HCS Datasheet HTML 5Page - Stackpole Electronics, Inc. HCS Datasheet HTML 6Page - Stackpole Electronics, Inc. HCS Datasheet HTML 7Page - Stackpole Electronics, Inc. HCS Datasheet HTML 8Page - Stackpole Electronics, Inc. HCS Datasheet HTML 9Page - Stackpole Electronics, Inc. HCS Datasheet HTML 10Page - Stackpole Electronics, Inc. HCS Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev Date: 5/12/2022
11
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCS Series
High Current Metal Element Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
1
2
3
4
5
6
7
8
9
10
11
12
13
H
C
S
3
9
2
0
F
T
L
3
0
0
How to Order
Product Series
Size
Resistance Value
HCS
1206
Code
Tol
Code
Description
Size
Quantity
2512
F
1%
7" Reel - Plastic Tape
1206
2000
3920
J
5%
10" Reel - Plastic Tape
2512
4000
5930
3920
3000
5930
2000
0.0003 ohm = L300
0.0005 ohm = L500
0.00075 ohm = L750
0.001 ohm = 1L00
Tolerance
Packaging
T
Four characters with
"L" used as multiplier
of 10
-3 for any value
under 0.1 ohm
13" Reel - Plastic Tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com