Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # HCS
Description  High Current Metal Element Shunt Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCS Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  HCS Datasheet HTML 1Page - Stackpole Electronics, Inc. HCS Datasheet HTML 2Page - Stackpole Electronics, Inc. HCS Datasheet HTML 3Page - Stackpole Electronics, Inc. HCS Datasheet HTML 4Page - Stackpole Electronics, Inc. HCS Datasheet HTML 5Page - Stackpole Electronics, Inc. HCS Datasheet HTML 6Page - Stackpole Electronics, Inc. HCS Datasheet HTML 7Page - Stackpole Electronics, Inc. HCS Datasheet HTML 8Page - Stackpole Electronics, Inc. HCS Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev Date: 5/12/2022
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCS Series
High Current Metal Element Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Type / Code
Unit
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.061 ± 0.002
0.055 ± 0.004
inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.55 ± 0.05
1.40 ± 0.10
mm
0.157 ± 0.002
0.157 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
0.055 ± 0.004
inches
4.00 ± 0.05
4.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.10
1.40 ± 0.10
mm
0.157 ± 0.002
0.157 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
0.043 ± 0.004
inches
4.00 ± 0.05
4.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.10
1.10 ± 0.10
mm
0.157 ± 0.002
0.157 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
0.031 ± 0.004
inches
4.00 ± 0.05
4.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.10
0.80 ± 0.10
mm
0.157 ± 0.002
0.315 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
0.078 ± 0.004
inches
4.00 ± 0.05
8.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.10
1.97 ± 0.10
mm
0.157 ± 0.002
0.315 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
0.049 ± 0.004
inches
4.00 ± 0.05
8.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.10
1.25 ± 0.10
mm
0.157 ± 0.004
0.472 ± 0.004
0.079 ± 0.004
0.059 ± 0.004
0.094 ± 0.004
inches
4.00 ± 0.10
12.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
2.40 ± 0.10
mm
0.157 ± 0.004
0.472 ± 0.004
0.079 ± 0.004
0.059 ± 0.004
0.055 ± 0.004
inches
4.00 ± 0.10
12.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
1.40 ± 0.10
mm
T
P0
P1
P2
D0
HCS5930
(0.0005Ω, 0.002Ω, 0.003Ω)
HCS1206
HCS2512
(0.0003Ω, 0.0005Ω, 0.00075Ω, 0.002Ω)
HCS2512
(0.001Ω, 0.003Ω)
HCS2512
(0.004Ω, 0.005Ω)
HCS3920
(0.0002Ω, 0.0003Ω, 0.0005Ω, 0.002Ω)
HCS3920
(0.001Ω, 0.003Ω, 0.004Ω, 0.005Ω)
HCS5930
(0.0001Ω, 0.0002Ω, 0.0003Ω, 0.001Ω)
Taping Specifications
– Embossed Plastic Tape
Recommended Pad Layouts
Type / Code
a
b
c
Unit
0.055
0.067
0.071
inches
1.40
1.70
1.80
mm
0.150
0.071
0.134
inches
3.80
1.80
3.40
mm
0.220
0.106
0.244
inches
5.60
2.70
6.20
mm
0.220
0.205
0.344
inches
5.60
5.20
8.75
mm
5930
3920
2512
1206
Type / Code
Unit
0.074 ± 0.004
0.140 ± 0.004
0.069 ± 0.004
0.138 ± 0.002
0.315 ± 0.004
inches
1.88 ± 0.10
3.56 ± 0.10
1.75 ± 0.10
3.50 ± 0.05
8.00 ± 0.10
mm
0.140 ± 0.004
0.266 ± 0.004
0.069 ± 0.004
0.217 ± 0.002
0.472 ± 0.008
inches
3.55 ± 0.10
6.75 ± 0.10
1.75 ± 0.10
5.50 ± 0.05
12.00 ± 0.20
mm
0.217 ± 0.004
0.425 ± 0.004
0.069 ± 0.004
0.295 ± 0.002
0.630 ± 0.008
inches
5.50 ± 0.10
10.80 ± 0.10
1.75 ± 0.10
7.50 ± 0.05
16.00 ± 0.20
mm
0.327 ± 0.004
0.606 ± 0.004
0.069 ± 0.004
0.453 ± 0.004
0.945 ± 0.012
inches
8.30 ± 0.10
15.40 ± 0.10
1.75 ± 0.10
11.50 ± 0.10
24.00 ± 0.30
mm
HCS2512
(all Ω ranges)
W
A
B
E
F
HCS1206
HCS3920
(all Ω ranges)
HCS5930
(all Ω ranges)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com