Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSM Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # HCSM
Description  High Power Metal Element Current Shunt Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCSM Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  HCSM Datasheet HTML 1Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 2Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 3Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 4Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev Date: 4/18/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCSM Series
High Power Metal Element Current Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Function Performance Characteristics (cont.)
Taping Specifications
– Embossed Plastic Tape
Recommended Pad Layouts
Test
Test Method
Test Specification
Test Condition
JIS-C5202-6.11
The chip shall be immersed into the flux specified in the solder bath
235°C ± 5°C for 2 ± 0.5 seconds.
It shall be immersed to a point 10mm from its root.
(Sn96.5/Ag3.0/Cu0.5)
Solderability
Note: 5W with total solder pad trace size of 500 mm
2. The surface temperature of component should be below 100°C.
Solder shall cover 95%
or more of the
electrode area
Type/Code
Unit
0.205 ± 0.004
0.303 ± 0.004
0.069 ± 0.004
0.295 ± 0.004
0.630 ± 0.012
0.012 ± 0.002
inches
5.21 ± 0.10
7.69 ± 0.10
1.75 ± 0.10
7.50 ± 0.10
16.00 ± 0.30
0.30 ± 0.05
mm
Unit
0.157 ± 0.004
0.315 ± 0.004
0.079 ± 0.004
0.059 ± 0.004
0.059 ± 0.004
inches
4.00 ± 0.10
8.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
1.50 ± 0.10
mm
t
HCSM2818
P0
P1
P2
D0
D1
W
A
B
E
F
Type/Code
a
b
c
d
Unit
0.138
0.209
0.020
0.024
inches
3.50
5.30
0.50
0.60
mm
HCSM2818



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com