Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSM Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # HCSM
Description  High Power Metal Element Current Shunt Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCSM Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  HCSM Datasheet HTML 1Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 2Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 3Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 4Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev Date: 4/18/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCSM Series
High Power Metal Element Current Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
5W power rating in a small chip size 2818 size
•
Excellent long-term stability
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
AEC-Q200 compliant
•
REACH compliant
Applications:
•
Power modules
•
Frequency converters
•
Inverter control
•
Power management
• Current sensor for power hybrid sources
Power Derating Curve:
Operating temperature range of -55ºC to 170ºC.
Storage condition: 5ºC ~ 35ºC, humidity of 40% ~ 75%.
Mechanical Specifications
Electrical Specifications
Ohmic Range (Ω) and Tolerance
1% and 5%
± 100
0.002
± 200
0.003, 0.004, 0.005
(*)
± 75
0.01, 0.015, 0.02, 0.025
(*)
(*) Other values may be available, but may require higher MOQ. Contact Stackpole.
TCR (ppm/ºC)
HCSM2818
5
Type/Code
Power Rating (W)
Type/Code
Unit
0.281 ± 0.010
0.195 ± 0.010
0.065 ± 0.010
0.114 ± 0.010
inches
7.15 ± 0.25
4.95 ± 0.25
1.65 ± 0.25
2.90 ± 0.25
mm
HCSM2818
T
H
L
W


Similar Part No. - HCSM

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HCS SEI-HCS Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
logo
Hammond Manufacturing L...
HCS-DDR HAMMOND-HCS-DDR Datasheet
240Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HCS-DFG-36 HAMMOND-HCS-DFG-36 Datasheet
134Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HCS-DFG-36 HAMMOND-HCS-DFG-36 Datasheet
74Kb / 2P
Systeme disolement thermique
HCS-DFG-42 HAMMOND-HCS-DFG-42 Datasheet
134Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - HCSM

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
LOB-1R010JLFLT IRCTT-LOB-1R010JLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
Bare Metal Element Resistor
PWR4412-2SBR0300J BOURNS-PWR4412-2SBR0300J Datasheet
108Kb / 1P
Bare Metal Element Resistor
logo
List of Unclassifed Man...
OAR3R015FLF ETC2-OAR3R015FLF Datasheet
570Kb / 4P
Open Air Resistor Metal Element Current Sense
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
Open Air Resistor Metal Element Current Sense OAR
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
Power Metal Strip® Shunt Resistor, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)
09-Mar-17
logo
Stackpole Electronics, ...
HCS SEI-HCS Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCSK SEI-HCSK Datasheet
425Kb / 6P
Kelvin Termination Metal Element Current Shunt Resistor
9/12/2022
logo
Eaton All Rights Reserv...
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com