Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSM Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # HCSM
Description  High Power Metal Element Current Shunt Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCSM Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  HCSM Datasheet HTML 1Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 2Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 3Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 4Page - Stackpole Electronics, Inc. HCSM Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev Date: 4/18/2022
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCSM Series
High Power Metal Element Current Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
H
C
S
M
2
8
1
8
F
T
2
0
L
0
Code
Tol
Code
Quantity
F
1%
T
3500
J
5%
0.004 ohm = 4L00
0.01 ohm = 10L0
Description
Size
Four characters with
"L" used as multiplier
of 10
-3 for any value
under 0.1 ohm
0.015 ohm = 15L0
2818
13" Reel - Plastic Tape
HCSM
Product Series
Resistance Value
Tolerance
Packaging
Size
2818
How to Order



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com