Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCS Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # LPCS
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPCS Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  LPCS Datasheet HTML 1Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 2Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 3Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 4Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 5Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 6Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev Date: 08/30/2019
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPCS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – 2624(HP), 2929(HP)
Mechanical Specifications
Type / Code
H1 (max)
F
G
H
I
J
Unit
0.287 ± 0.008
0.287 ± 0.008
0.134
0.059
0.197
0.087
0.063
0.189
inches
7.30 ± 0.20
7.30 ± 0.20
3.40
1.50
5.00
2.20
1.60
4.80
mm
0.287 ± 0.008
0.287 ± 0.008
0.177
0.059
0.197
0.087
0.063
0.189
inches
7.30 ± 0.20
7.30 ± 0.20
4.50
1.50
5.00
2.20
1.60
4.80
mm
LPCS2929
LPCS2929…-HP
A
B
Type / Code
H1 (max)
F
G
H
I
J
Unit
0.472 ± 0.012
0.472 ± 0.012
0.177
0.197
0.299
0.213
0.114
0.276
inches
12.00 ± 0.30
12.00 ± 0.30
4.50
5.00
7.60
5.40
2.90
7.00
mm
0.472 ± 0.012
0.472 ± 0.012
0.236
0.197
0.299
0.213
0.114
0.276
inches
12.00 ± 0.30
12.00 ± 0.30
6.00
5.00
7.60
5.40
2.90
7.00
mm
0.472 ± 0.012
0.472 ± 0.012
0.315
0.197
0.299
0.213
0.114
0.276
inches
12.00 ± 0.30
12.00 ± 0.30
8.00
5.00
7.60
5.40
2.90
7.00
mm
0.472 ± 0.012
0.472 ± 0.012
0.394
0.197
0.299
0.213
0.114
0.276
inches
12.00 ± 0.30
12.00 ± 0.30
10.00
5.00
7.60
5.40
2.90
7.00
mm
0.472 ± 0.012
0.472 ± 0.012
0.315
0.197
0.299
0.213
0.114
0.276
inches
12.00 ± 0.30
12.00 ± 0.30
8.00
5.00
7.60
5.40
2.90
7.00
mm
A
B
LPCS4747…-HP
LPCS4747…-HC
LPCS4747…-LP
LPCS4747
LPCS4747…-MP
2624
2624(HP)
2929
2929(HP)
2624
2624(HP)
2929
2929(HP)
LPCS _ MT1R0
1
20%
-
-
0.016
0.02
-
-
7.97
8
LPCS _ MT1R5
1.5
20%
0.049
-
0.023
0.018
3.5
-
5.5
7
LPCS _ MT2R2
2.2
20%
-
-
0.027
0.028
-
-
4.5
6
LPCS _ MT2R9
2.9
20%
0.07
-
-
-
1.94
-
-
-
LPCS _ MT3R3
3.3
20%
0.075
-
0.031
0.032
1.8
-
4
4.8
LPCS _ MT3R9
3.9
20%
-
-
0.041
0.035
-
-
3.8
4.4
LPCS _ MT4R0
4
20%
0.08
-
-
-
1.63
-
-
-
LPCS _ MT4R7
4.7
20%
0.09
-
0.048
0.038
1.55
-
3.5
4
LPCS _ MT5R5
5.5
20%
0.1
-
-
-
1.4
-
-
-
LPCS _ MT5R6
5.6
20%
-
-
0.056
0.04
-
-
3
3.5
LPCS _ MT6R8
6.8
20%
0.1
-
0.062
0.045
1.3
-
2
3
LPCS _ MT100
10
20%
0.15
0.12
0.072
0.049
1.1
1.35
1.68
1.84
LPCS _ MT120
12
20%
0.2
0.13
0.098
0.058
1
1.22
1.52
1.71
LPCS _ MT150
15
20%
0.23
0.18
0.13
0.081
0.9
1.11
1.33
1.47
LPCS _ MT180
18
20%
0.27
0.24
0.14
0.091
0.8
1.02
1.2
1.31
LPCS _ MT220
22
20%
0.34
0.27
0.19
0.11
0.74
0.91
1.07
1.23
LPCS _ MT270
27
20%
0.38
0.3
0.21
0.15
0.66
0.82
0.96
1.12
LPCS _ MT330
33
20%
0.45
0.33
0.24
0.17
0.59
0.74
0.91
0.96
LPCS _ MT390
39
20%
0.49
0.37
0.32
0.23
0.54
0.69
0.77
0.91
LPCS _ MT470
47
20%
0.69
0.52
0.36
0.26
0.5
0.62
0.76
0.88
LPCS _ MT560
56
20%
0.78
0.56
0.47
0.35
0.46
0.58
0.68
0.75
LPCS _ MT680
68
20%
1.07
0.63
0.52
0.38
0.42
0.51
0.61
0.69
LPCS _ MT820
82
20%
1.21
0.71
0.69
0.43
0.38
0.46
0.57
0.61
LPCS _ MT101
100
20%
1.39
1.03
0.79
0.61
0.34
0.42
0.5
0.6
LPCS _ MT121
120
20%
1.9
1.15
0.89
0.66
0.31
0.38
0.49
0.52
LPCS _ MT151
150
20%
2.18
1.68
1.27
0.88
0.28
0.35
0.43
0.46
LPCS _ MT181
180
20%
2.77
1.87
1.45
0.98
0.26
0.32
0.39
0.42
IDC (A) max
Type / Code
Tolerance
L
(μH)
DCR (Ω) max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com