Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCS Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # LPCS
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPCS Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  LPCS Datasheet HTML 1Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 2Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 3Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 4Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 5Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 6Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev Date: 08/30/2019
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPCS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – 4747(LP/MP/HP)
Electrical Specifications – 2624(HP), 2929(HP)
2624
2624(HP)
2929
2929(HP)
2624
2624(HP)
2929
2929(HP)
LPCS _ MT221
220
20%
3.12
2.08
1.65
1.17
0.23
0.29
0.35
0.36
LPCS _ MT271
270
20%
4.38
2.37
2.31
1.64
0.22
0.26
0.32
0.34
LPCS _ MT331
330
20%
4.94
2.67
2.62
1.86
0.19
0.23
0.28
0.32
LPCS _ MT391
390
20%
-
2.94
2.94
2.85
-
0.22
0.26
0.29
LPCS _ MT471
470
20%
-
3.93
4.18
3.01
-
0.2
0.24
0.26
LPCS _ MT561
560
20%
-
5.43
4.67
3.62
-
0.18
0.22
0.23
LPCS _ MT681
680
20%
-
7.32
5.73
4.63
-
0.17
0.19
0.22
LPCS _ MT821
820
20%
-
8.24
6.54
5.2
-
0.15
0.18
0.2
LPCS _ MT102
1000
20%
-
9.26
9.44
6
-
0.14
0.16
0.18
Type / Code
L
(μH)
Tolerance
DCR (Ω) max
IDC (A) max
4747(LP)
4747
4747(MP)
4747(HP)
4747(LP)
4747
4747(MP)
4747(HP)
LPCS _ MT1R0
1.0
20%
-
-
0.007
0.007
-
-
10
17
LPCS _ MT1R2
1.2
20%
-
-
0.007
-
-
-
9.8
-
LPCS _ MT1R3
1.3
20%
-
0.012
-
-
-
8
-
-
LPCS _ MT1R5
1.5
20%
0.008
-
-
0.005
8.75
-
-
16
LPCS _ MT1R8
1.8
20%
-
-
0.011
-
-
-
8.5
-
LPCS _ MT2R1
2.1
20%
-
0.014
-
-
-
7
-
-
LPCS _ MT2R2
2.2
20%
-
0.014
0.01
-
-
7
8.5
-
LPCS _ MT2R4
2.4
20%
-
-
0.012
0.006
-
-
8
15
LPCS _ MT2R5
2.5
20%
0.013
-
-
-
8
-
-
-
LPCS _ MT2R7
2.7
20%
-
-
0.012
-
-
-
8
-
LPCS _ MT3R1
3.1
20%
-
0.017
-
-
-
6
-
-
LPCS _ MT3R3
3.3
20%
0.015
0.014
0.013
0.009
6.5
6.75
7.8
14
LPCS _ MT3R5
3.5
20%
-
-
0.014
0.009
-
-
7.5
14
LPCS _ MT3R9
3.9
20%
0.015
-
-
-
0.65
-
-
-
LPCS _ MT4R4
4.4
20%
-
0.02
-
-
-
5
-
-
LPCS _ MT4R7
4.7
20%
0.018
0.018
0.016
-
5.7
6.2
6.8
-
LPCS _ MT5R6
5.6
20%
-
-
0.014
-
-
-
6.7
-
LPCS _ MT5R8
5.8
20%
-
0.021
-
-
-
4.4
-
-
LPCS _ MT6R1
6.1
20%
-
-
0.018
-
-
-
6.6
-
LPCS _ MT6R8
6.8
20%
0.023
0.023
0.014
0.013
4.9
5.9
6.4
10
LPCS _ MT7R5
7.5
20%
-
0.024
-
-
-
4.2
-
-
LPCS _ MT7R6
7.6
20%
-
-
0.02
-
-
-
5.9
-
LPCS _ MT8R2
8.2
20%
0.026
-
0.016
0.015
4.6
-
6.32
8.2
LPCS _ MT100
10
20%
0.028
0.025
0.022
0.018
4.5
4
5.4
7.5
LPCS _ MT120
12
20%
0.038
0.027
0.024
0.019
4
3.5
4.9
7
LPCS _ MT150
15
20%
0.05
0.03
0.027
0.024
3.2
3.3
4.5
6
LPCS _ MT180
18
20%
0.057
0.034
0.039
0.031
3.1
3
3.9
5.5
LPCS _ MT220
22
20%
0.066
0.036
0.043
0.039
2.9
2.8
3.6
5
LPCS _ MT270
27
20%
0.08
0.051
0.046
0.045
2.8
2.3
3.4
4.5
LPCS _ MT330
33
20%
0.097
0.057
0.065
0.05
2.7
2.1
3
4
LPCS _ MT390
39
20%
0.132
0.068
0.073
0.059
2.1
2
2.75
3.8
LPCS _ MT470
47
20%
0.15
0.075
0.1
0.069
1.9
1.8
2.5
3.5
LPCS _ MT560
56
20%
0.19
0.11
0.11
0.079
1.8
1.7
2.35
3.2
LPCS _ MT680
68
20%
0.22
0.12
0.14
0.088
1.5
1.5
2.1
3
LPCS _ MT820
82
20%
0.26
0.14
0.16
0.11
1.3
1.4
1.95
2.6
LPCS _ MT101
100
20%
0.308
0.16
0.22
0.14
1.2
1.3
1.7
2.2
LPCS _ MT121
120
20%
0.38
0.17
0.25
0.16
1.1
1.1
1.6
2
LPCS _ MT151
150
20%
0.53
0.23
0.28
0.2
0.95
1
1.42
1.8
LPCS _ MT181
180
20%
0.62
0.29
0.35
0.27
0.85
0.9
1.3
1.6
LPCS _ MT221
220
20%
0.7
0.4
0.39
0.3
0.8
0.8
1.16
1.5
LPCS _ MT271
270
20%
0.876
0.46
0.56
0.4
0.6
0.75
1.06
1.3
Type / Code
L
(μH)
Tolerance
DCR (Ω) max
IDC (A) max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com