Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCS Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # LPCS
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPCS Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  LPCS Datasheet HTML 1Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 2Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 3Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 4Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 5Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 6Page - Stackpole Electronics, Inc. LPCS Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev Date: 08/30/2019
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPCS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Inductance and Current Ranges
Features:
•
Provides high power and high saturation
•
Provides magnetic shielding against radiation
•
Electrode directly connected to ferrite core
•
Contact Stackpole for additional inductance values
•
Operating temperature 40 ~ 125ºC
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Applications:
•
Power supply for VTRs
•
LCD televisions
•
Personal computers
•
DC/DC converters
Mechanical Specifications
Item
Specification
Operating Temperature Range
-40 ~ +125 ºC
Rated DC Current
(except for LPCS4747…-MP)
The DC current at which the inductance becomes 25% lower than its initial value or
when Δ t = 40 °C whichever is lower. (Ta = 25 °C)
Rated DC Current
(specific for LPCS4747…-MP)
The DC current at which the inductance becomes 30% lower than its initial value or
when Δ t = 40 °C whichever is lower. (Ta = 25 °C)
Type
Inductance (μH)
Current Range (A)
LPCS2624
1.5 ~ 330
3.5 ~ 0.19
LPCS2624…-HP
10 ~ 1000
1.35 ~ 0.14
LPCS2929
1 ~ 1000
7.97 ~ 0.16
LPCS2929…-HP
1 ~ 1000
8 ~ 0.18
LPCS4747…-LP
1.5 ~ 330
8.75 ~ 0.5
LPCS4747
1.3 ~ 1000
8 ~ 0.4
LPCS4747…-MP
1 ~ 1000
10 ~ 0.55
LPCS4747…-HP
1 ~ 1000
17 ~ 0.76
LPCS4747…-HC
2.2 ~ 1000
25.5 ~ 1.14
Electrical specifications at 25ºC.
Type / Code
H1 (max)
E
F
G
H
I
J
Unit
0.244 ± 0.012
0.232 ± 0.012
0.260 ± 0.012
0.118
0.024
0.059
0.181
0.075
0.055
0.181
inches
6.20 ± 0.30
5.90 ± 0.30
6.60 ± 0.30
3.00
0.60
1.50
4.60
1.90
1.40
4.60
mm
0.244 ± 0.012
0.232 ± 0.012
0.260 ± 0.012
0.197
0.024
0.059
0.181
0.075
0.055
0.181
inches
6.20 ± 0.30
5.90 ± 0.30
6.60 ± 0.30
5.00
0.60
1.50
4.60
1.90
1.40
4.60
mm
A
B
C
LPCS2624
LPCS2624…-HP


Similar Part No. - LPCS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
More results

Similar Description - LPCS

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com