Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP_SERIES Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # LP_SERIES
Description  SMD Unshielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LP_SERIES Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  LP_SERIES Datasheet HTML 1Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 2Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 3Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 4Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 5Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 6Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev Date: 10/03/2019
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LP Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LP2618
Electrical Specifications – LP5137(LP)
Electrical Specifications – LP5137(standard)
LP2618MT1R0
1
20%
100 KHz, 0.1V
0.05
2.9
LP2618MT1R5
1.5
20%
100 KHz, 0.1V
0.06
2.6
LP2618MT2R2
2.2
20%
100 KHz, 0.1V
0.07
2.3
LP2618MT3R3
3.3
20%
100 KHz, 0.1V
0.08
2
LP2618MT4R7
4.7
20%
100 KHz, 0.1V
0.09
1.5
LP2618MT6R8
6.8
20%
100 KHz, 0.1V
0.13
1.2
LP2618MT8R2
8.2
20%
100 KHz, 0.1V
0.16
1.15
LP2618MT100
10
20%
100 KHz, 0.1V
0.16
1.1
LP2618MT150
15
20%
100 KHz, 0.1V
0.23
0.9
LP2618MT220
22
20%
100 KHz, 0.1V
0.37
0.7
LP2618MT330
33
20%
100 KHz, 0.1V
0.51
0.58
LP2618MT470
47
20%
100 KHz, 0.1V
0.64
0.5
LP2618MT680
68
20%
100 KHz, 0.1V
0.86
0.4
LP2618MT101
100
20%
100 KHz, 0.1V
1.27
0.31
LP2618MT151
150
20%
100 KHz, 0.1V
2
0.27
LP2618MT221
220
20%
100 KHz, 0.1V
3.11
0.22
LP2618MT331
330
20%
100 KHz, 0.1V
3.8
0.18
LP2618MT471
470
20%
100 KHz, 0.1V
5.06
0.16
LP2618MT681
680
20%
100 KHz, 0.1V
9.2
0.14
LP2618MT102
1000
20%
100 KHz, 0.1V
13.8
0.1
IDC
(A) max..
Inductance (μh)
Type/Code
DCR
(Ω) max.
Tolerance
Test Condition
LP5137MT1R0-LP
1
20%
100 KHz, 0.1V
0.024
5.15
LP5137MT4R7-LP
4.7
20%
100 KHz, 0.1V
0.036
4.2
LP5137MT6R8-LP
6.8
20%
100 KHz, 0.1V
0.06
3.9
LP5137MT8R2-LP
8.2
20%
100 KHz, 0.1V
0.08
2.42
LP5137MT100-LP
10
20%
100 KHz, 0.1V
0.11
2.4
LP5137MT150-LP
15
20%
100 KHz, 0.1V
0.12
2.3
LP5137MT220-LP
22
20%
100 KHz, 0.1V
0.18
1.8
LP5137MT330-LP
33
20%
100 KHz, 0.1V
0.25
1.6
LP5137MT470-LP
47
20%
100 KHz, 0.1V
0.32
1.3
LP5137MT680-LP
68
20%
100 KHz, 0.1V
0.54
1.1
LP5137MT101-LP
100
20%
100 KHz, 0.1V
0.69
0.87
LP5137MT151-LP
150
20%
100 KHz, 0.1V
0.94
0.74
LP5137MT221-LP
220
20%
100 KHz, 0.1V
1.6
0.56
LP5137MT331-LP
330
20%
100 KHz, 0.1V
2.15
0.5
LP5137MT471-LP
470
20%
100 KHz, 0.1V
3.3
0.4
LP5137MT681-LP
680
20%
100 KHz, 0.1V
4.4
0.33
LP5137MT821-LP
820
20%
100 KHz, 0.1V
5.8
0.15
LP5137MT102-LP
1000
20%
100 KHz, 0.1V
8.4
0.1
DCR
(Ω) max.
IDC
(A) max..
Type/Code
Inductance (μh)
Tolerance
Test Condition
LP5137MTR68
0.68
20%
100KHz, 0.1V
0.008
11
LP5137MT1R0
1
20%
100KHz, 0.1V
0.009
9
LP5137MT1R2
1.2
20%
100KHz, 0.1V
0.01
8.5
LP5137MT1R5
1.5
20%
100KHz, 0.1V
0.01
8
LP5137MT1R8
1.8
20%
100KHz, 0.1V
0.011
7.5
LP5137MT2R2
2.2
20%
100KHz, 0.1V
0.012
7.1
LP5137MT2R7
2.7
20%
100KHz, 0.1V
0.014
6.6
LP5137MT3R3
3.3
20%
100KHz, 0.1V
0.015
6.5
LP5137MT4R7
4.7
20%
100KHz, 0.1V
0.018
5.5
LP5137MT5R6
5.6
20%
100KHz, 0.1V
0.025
4.8
LP5137MT6R8
6.8
20%
100KHz, 0.1V
0.027
4.7
IDC
(A) max..
DCR
(Ω) max.
Type/Code
Inductance (μh)
Tolerance
Test Condition



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com