Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP_SERIES Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # LP_SERIES
Description  SMD Unshielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LP_SERIES Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  LP_SERIES Datasheet HTML 1Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 2Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 3Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 4Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 5Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 6Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev Date: 10/03/2019
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LP Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
• Provides high power and high saturation
• LP2618 uses ceramic base with gold-plating
(all others use LCP plastic base)
• Operating temperature range of -40ºC to +125ºC
• UL94-V0 compliant
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant
• Contact Stackpole for additional inductance values
Applications:
• DC/DC Converters
• LCD televisions
• Personal computers
• Flash memory programmers
• Power supplies
Mechanical Specifications
Inductance and Current Ranges
Mechanical Specifications
Type/Code
Inductance (μH)
Range (A)
LP2618
1 ~ 1000
2.90 ~ 0.1
LP5137…-LP
1 ~ 1000
5.15 ~ 0.1
LP5137
0.68 ~ 10000
11 ~ 0.1
LP5137…-HP
0.47 ~ 1000
40 ~ 0.8
LP7360
1 ~ 1000
20 ~ 1
Electrical specifications at 25ºC
A
B
C
Max.
Max.
Max.
0.260
0.175
0.115
0.170
0.040
0.050
0.055
0.140
0.160
inches
6.60
4.45
2.92
4.32
1.02
1.27
1.40
3.56
4.06
mm
0.510
0.370
0.118
0.300
0.100
0.100
0.110
0.115
0.290
inches
12.95
9.40
3.00
7.62
2.54
2.54
2.79
2.92
7.37
mm
0.510
0.370
0.205
0.300
0.100
0.100
0.110
0.115
0.290
inches
12.95
9.40
5.21
7.62
2.54
2.54
2.79
2.92
7.37
mm
0.510
0.370
0.450
0.300
0.100
0.100
0.110
0.115
0.290
inches
12.95
9.40
11.43
7.62
2.54
2.54
2.79
2.92
7.37
mm
0.730
0.600
0.280
0.500
0.100
0.100
0.110
0.115
0.490
inches
18.54
15.24
7.11
12.70
2.54
2.54
2.79
2.92
12.45
mm
I
J
LP5137…-LP
Unit
D
E
F
H
LP5137
LP5137…-HP
LP7360
Type/Code
LP2618


Similar Part No. - LP_SERIES

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
More results

Similar Description - LP_SERIES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DH1364 MACOM-DH1364 Datasheet
59Kb / 3P
SMD Unshielded Self-Leaded Inductor
DN1047 MACOM-DN1047 Datasheet
76Kb / 3P
SMD Unshielded Inductor Series
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
SMD Unshielded Power Inductor Series
logo
Accetek Electronics (Sh...
1MG ACCETEK-1MG Datasheet
284Kb / 4P
Unshielded Power Inductor
1MH ACCETEK-1MH Datasheet
280Kb / 3P
Unshielded Power Inductor
logo
Abracon Corporation
AISC-1206H ABRACON-AISC-1206H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
12.28.12
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
SMD Unshielded Power Inductor
10.03.13
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com