Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP_SERIES Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # LP_SERIES
Description  SMD Unshielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LP_SERIES Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  LP_SERIES Datasheet HTML 1Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 2Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 3Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 4Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 5Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 6Page - Stackpole Electronics, Inc. LP_SERIES Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev Date: 10/03/2019
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LP Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LP5137(standard) (cont.)
Electrical Specifications – LP5137(HP)
LP5137MT8R2
8.2
20%
100 KHz, 0.1V
0.036
4.1
LP5137MT100
10
20%
100 KHz, 0.1V
0.038
3.9
LP5137MT120
12
20%
100 KHz, 0.1V
0.044
3.3
LP5137MT150
15
20%
100 KHz, 0.1V
0.046
3.1
LP5137MT180
18
20%
100 KHz, 0.1V
0.066
2.8
LP5137MT220
22
20%
100 KHz, 0.1V
0.085
2.6
LP5137MT270
27
20%
100 KHz, 0.1V
0.095
2.1
LP5137MT330
33
20%
100 KHz, 0.1V
0.1
2
LP5137MT390
39
20%
100 KHz, 0.1V
0.13
1.8
LP5137MT470
47
20%
100 KHz, 0.1V
0.14
1.7
LP5137MT560
56
20%
100 KHz, 0.1V
0.19
1.6
LP5137MT680
68
20%
100 KHz, 0.1V
0.2
1.5
LP5137MT820
82
20%
100 KHz, 0.1V
0.26
1.3
LP5137MT101
100
20%
100 KHz, 0.1V
0.28
1.25
LP5137KT101
100
10%
100 KHz, 0.1V
0.28
1.5
LP5137MT121
120
20%
100 KHz, 0.1V
0.36
1.05
LP5137MT151
150
20%
100 KHz, 0.1V
0.4
1.05
LP5137MT181
180
20%
100 KHz, 0.1V
0.54
0.85
LP5137MT221
220
20%
100 KHz, 0.1V
0.61
0.82
LP5137MT271
270
20%
100 KHz, 0.1V
0.84
0.65
LP5137MT331
330
20%
100 KHz, 0.1V
1.02
0.62
LP5137MT391
390
20%
100 KHz, 0.1V
1.25
0.55
LP5137MT471
470
20%
100 KHz, 0.1V
1.27
0.52
LP5137MT561
560
20%
100 KHz, 0.1V
1.85
0.45
LP5137MT681
680
20%
100 KHz, 0.1V
2.02
0.42
LP5137MT821
820
20%
100 KHz, 0.1V
2.53
0.38
LP5137MT102
1000
20%
100 KHz, 0.1V
3
0.35
LP5137KT102
1000
10%
1 KHz, 0.25V
3.9
0.35
LP5137KT152
1500
10%
1 KHz, 0.25V
6.3
0.3
LP5137KT222
2200
10%
1 KHz, 0.25V
8.2
0.24
LP5137MT103
10000
20%
1 KHz, 0.25V
39
0.1
IDC
(A) max..
Type/Code
Inductance (μh)
Tolerance
Test Condition
DCR
(Ω) max.
LP5137MTR47-HP
0.47
20%
100 KHz, 0.1V
0.008
20
LP5137MTR82-HP
0.82
20%
100 KHz, 0.1V
0.009
20
LP5137MT1R2-HP
1.2
20%
100 KHz, 0.1V
0.01
20
LP5137MT1R5-HP
1.5
20%
100 KHz, 0.1V
0.01
20
LP5137MT2R2-HP
2.2
20%
100 KHz, 0.1V
0.012
18.5
LP5137MT3R5-HP
3.5
20%
100 KHz, 0.1V
0.015
18
LP5137MT4R7-HP
4.7
20%
100 KHz, 0.1V
0.02
13
LP5137MT5R6-HP
5.6
20%
100 KHz, 0.1V
0.022
12
LP5137MT6R8-HP
6.8
20%
100 KHz, 0.1V
0.03
10
LP5137MT8R2-HP
8.2
20%
100 KHz, 0.1V
0.033
9
LP5137MT100-HP
10
20%
100 KHz, 0.1V
0.04
8
LP5137MT120-HP
12
20%
100 KHz, 0.1V
0.042
7.2
LP5137MT150-HP
15
20%
100 KHz, 0.1V
0.05
7
LP5137MT180-HP
18
20%
100 KHz, 0.1V
0.052
5.7
LP5137MT220-HP
22
20%
100 KHz, 0.1V
0.066
5.5
LP5137MT270-HP
27
20%
100 KHz, 0.1V
0.072
4.2
LP5137MT330-HP
33
20%
100 KHz, 0.1V
0.08
4
LP5137MT390-HP
39
20%
100 KHz, 0.1V
0.092
3.9
LP5137MT470-HP
47
20%
100 KHz, 0.1V
0.11
3.8
LP5137MT560-HP
56
20%
100 KHz, 0.1V
0.15
3.2
LP5137MT680-HP
68
20%
100 KHz, 0.1V
0.17
3
LP5137MT820-HP
82
20%
100 KHz, 0.1V
0.2
2.6
DCR
(Ω) max.
Type/Code
Inductance (μh)
Tolerance
Test Condition
IDC
(A) max..



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com