Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 49Page - STMicroelectronics L99LDLH32 Datasheet HTML 50Page - STMicroelectronics L99LDLH32 Datasheet HTML 51Page - STMicroelectronics L99LDLH32 Datasheet HTML 52Page - STMicroelectronics L99LDLH32 Datasheet HTML 53Page - STMicroelectronics L99LDLH32 Datasheet HTML 54Page - STMicroelectronics L99LDLH32 Datasheet HTML 55Page - STMicroelectronics L99LDLH32 Datasheet HTML 56Page - STMicroelectronics L99LDLH32 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 141 page
background image
DS12879 Rev 5
53/141
L99LDLH32
Communication interface
140
The subsequent data bytes are the data transferred from the Responder device with every
communication to Commander.
Table 14. Global status byte field description
Bit #
Name
Description
7
GSBN
Global Status Bit Not
This bit is a NOR combination of the remaining bits of this register:
RSTB nor FE2 nor FE1 nor DE nor GW nor FS
6RSTB
Reset Bit
The RSTB indicates a device reset. In case this bit is set, all internal RAM Control and
Configuration Registers are set to default and kept in that state until the bit is cleared. Any
valid unicast frame requiring GSB in the response frame clears the Reset Bit after
Responder sent its response frame. No data can be written to RAM Configuration and
Control Registers as long as Reset Bit is set. Chain Initialization command will be executed,
but will not clear Reset Bit.
5x
Not used
0
4FE2
Functional Error 2
The FE2 indicates the logical OR combination of the following errors:
Any Output Channel exceeding short circuit threshold (when enabled): SHT_CHx, or
Any Output Channel in open load: OL_CHx, or
Any Output Channel in short circuit with GND: OUT_SHT_GND_CHx
3FE1
Functional Error 1
The FE1 reports the following error:
Thermal Shutdown: TSD
2DE
Device error
The DE indicates the logical OR combination of the following errors:
Short circuit on external NTC: NTC_FAULT, or
Power Good Threshold not reached: PG_NOT_VPRE_REG, or
Supply voltage undervoltage fault: VS_UV, or
Open or Short Circuit Fault on DAC Reference Resistor: DAC_RES_FAULT
1GW
Global warning
The GW is a logical OR combination of warning flags:
Thermal Warning: TW, or
NTC derating active: NTC_DER_ACT
0FS
Fail safe:
The Fail Safe bit is set, when the device operates in Fail Safe / Stand Alone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com