Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 27Page - STMicroelectronics L99LDLH32 Datasheet HTML 28Page - STMicroelectronics L99LDLH32 Datasheet HTML 29Page - STMicroelectronics L99LDLH32 Datasheet HTML 30Page - STMicroelectronics L99LDLH32 Datasheet HTML 31Page - STMicroelectronics L99LDLH32 Datasheet HTML 32Page - STMicroelectronics L99LDLH32 Datasheet HTML 33Page - STMicroelectronics L99LDLH32 Datasheet HTML 34Page - STMicroelectronics L99LDLH32 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 141 page
background image
DS12879 Rev 5
31/141
L99LDLH32
Functional description
140
After tDIAG_BLANK_x elapses, a failure counter starts and any channel fault is validated after
N_Fails number of detected failures (also non-consecutive). The N_Fails readings are kept
in memory up to N_Fails_reset (number of consecutive NOT failures detection), then the
counter will be reset.
Diagnostic validation strategy is applied for any possible load fault: O/LED short to ground,
open string, short to VPRE_REG. If the on-time of any channel is shorter than the configured
blanking time, the device automatically disables fault detection on that channel and sets the
pre-regulator voltage feedback to maximum.
5.3.2
Fault bus capability
In the L99LDLH32, there is 1 fault pin with "Fault Bus" capability: 1 open drain fault pin
(FAULT) is associated with 1 Direct Input (DIN), output channels are mapped according to
DIN_MAP_CHx.
The fault pin is bidirectional, active low. Several fault pins of several devices can be
connected together to have a common fault bus associated to a particular light function.
This allows an automatic deactivation of complete light function in case of fault on single
O/LED string only, according to the selected Fault reaction mode.
There is, in fact, 1-bit (FAULT_REACT_MODEx - see FTP/RAM memory map, Chapter 7)
for fault reaction mode configuration:
5.3.3
Thermal warning
The L99LDLH32 integrates a temperature warning with one threshold.
If the junction temperature (TJ) of the device – read by internal ADC - rises above the
warning temperature threshold (TTW), the thermal warning status bit (TW – see RAM
memory map, Chapter 7) is set.
Thermal warning is also reported in the Global Status Byte register, in particular Global
Warning (GW) bit is set.
Table 7. Diagnostic blanking time
DIAG_BLANK_x [1÷0]
tDIAG_BLANK_x [us]
00
50
01
100
10
150
11
200
Table 8. Fault reaction mode
FAULT_REACT_MODE <0>
Fault Reaction Mode
0
Fault on one string => all strings of same fault bus deactivated
1
Fault on one string => no action on other strings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com