Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LDLH32 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 36Page - STMicroelectronics L99LDLH32 Datasheet HTML 37Page - STMicroelectronics L99LDLH32 Datasheet HTML 38Page - STMicroelectronics L99LDLH32 Datasheet HTML 39Page - STMicroelectronics L99LDLH32 Datasheet HTML 40Page - STMicroelectronics L99LDLH32 Datasheet HTML 41Page - STMicroelectronics L99LDLH32 Datasheet HTML 42Page - STMicroelectronics L99LDLH32 Datasheet HTML 43Page - STMicroelectronics L99LDLH32 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 141 page
background image
Communication interface
L99LDLH32
40/141
DS12879 Rev 5
6
Communication interface
6.1
CAN FD Light compatible network protocol
The L99LDLH32 features a serial CAN FD Light compatible interface, a robust Commander-
Responder communication bus, restricted to the lamp internal communication.
It uses the CAN FD physical interface - therefore differential bus wiring – and a protocol that
can be implemented by a CAN FD protocol controller. It guarantees a defined edge density
for synchronization and, for safety, CRC and error checking are provided.
The system overview is shown in Figure 13. The communication Commander is
implemented in the Rear LED ECU using the protocol controller in the µC and a CAN FD
transceiver. An additional transceiver (e.g. LIN, High-Speed CAN or other) may be used by
the ECU to communicate with other ECUs in the car. The communication Responders are
located in the LED satellites.
Figure 13. System overview
6.2
Protocol overview
6.2.1
Basic function
The CAN FD Light compatible network is a bus system on which all participants share the
same differential wires. Messages being sent by one participant are received by all others.
Its protocol uses a Commander-Responder scheme. The Commander is implemented in the
host ECU while the Responders are built in the LED drivers.
The Responders only answer upon request by the Commander, therefore no collision
resolving mechanisms are needed.
Two basic message types are used: broadcast messages and unicast messages.
A broadcast message is sent to the Responders and expects no answer from them. The
Responders on the bus pick the data relevant for them from the message.
A unicast message is addressed to a specific Responder that answers by sending the
requested data.
A specific unicast message can be sent in predefined intervals to serve a watchdog
triggering. The unicast message can expect an answer from the addressed Responder
within a given time frame. Both mechanisms can be used to implement an efficient
supervision scheme, which allows the detection of a disconnected or failed network
participant.
Rear Light / Bus Commander
PM
DCDC
Rear Light Satellite
L99LDLH32
...
Body Control Module
Communication
(LIN, CAN…)
Power Supply
CAN FD Light compatible
PHY
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com