Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8089GAT Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA8089GAT
Description  Automotive extended temperature GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089GAT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA8089GAT Datasheet HTML 12Page - STMicroelectronics STA8089GAT Datasheet HTML 13Page - STMicroelectronics STA8089GAT Datasheet HTML 14Page - STMicroelectronics STA8089GAT Datasheet HTML 15Page - STMicroelectronics STA8089GAT Datasheet HTML 16Page - STMicroelectronics STA8089GAT Datasheet HTML 17Page - STMicroelectronics STA8089GAT Datasheet HTML 18Page - STMicroelectronics STA8089GAT Datasheet HTML 19Page - STMicroelectronics STA8089GAT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
General description
STA8089GAT
16/33
DS11777 Rev 4
configured by the ARM946 (see Table 7: TCM Configuration). ITCM can be configured as Ni
x 16 KB; DTCM can be configured as 128 + Nd x 16 KB, where Ni + Nd=8, Ni
 1.
3.3.1
AHB slaves
G3 APB port that allows to interface with the G3BB acquisition memory and control
registers.
512 Kbytes ROM
Vectored Interrupt Controller (VIC).
SQI flash memory controller
3 x ARM946 APB peripheral bus (APB1, APB2, APB3).
Vectored Interrupt Controller (VIC)
This Vectored Interrupt Controller (VIC) allows the operative system interrupt handler to
quickly dispatch interrupt service routines in response to peripheral interrupts. It provides a
software interface to the interrupt system. There are up to 64 interrupt lines. The VIC uses a
bit position for each different interrupt source.
The software can control each request line to generate software interrupts. Each interrupt
line can be independently enabled and configured to trigger a non-vectored Normal Interrupt
Request (IRQ) or Fast Interrupt Request (FIQ) to the ARM946 CPU. Sixteen interrupt lines
can also be selected to trigger a vectored IRQ.
The VIC has two operation modes: the user mode and the privilege mode, in order to have
the possibility to set (or not) one level of protection during execution.
FS USB device controller
Full speed USB device with transceiver. It is an AHB slave. When active requires a 48 MHz
clock XTAL_IN.
SQI Flash interface
STA8089GAT includes a high-performance interface to Serial Quad Interface (SQI) NOR
Flash chips, to support a low-cost simple implementation.
Table 7. TCM Configuration
TCMcfg [2]
TCMcfg [1]
TCMcfg [0]
ITCM
DTCM
0
0
0
16 KB
240 KB
0
0
1
32 KB
224 KB
0
1
0
48 KB
208 KB
0
1
1
64 KB
192 KB
1
0
0
80 KB
176 KB
1
0
1
96 KB
160 KB
1
1
0
112 KB
144 KB
1
1
1
128 KB
128 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com