Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8089GAT Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA8089GAT
Description  Automotive extended temperature GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089GAT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA8089GAT Datasheet HTML 19Page - STMicroelectronics STA8089GAT Datasheet HTML 20Page - STMicroelectronics STA8089GAT Datasheet HTML 21Page - STMicroelectronics STA8089GAT Datasheet HTML 22Page - STMicroelectronics STA8089GAT Datasheet HTML 23Page - STMicroelectronics STA8089GAT Datasheet HTML 24Page - STMicroelectronics STA8089GAT Datasheet HTML 25Page - STMicroelectronics STA8089GAT Datasheet HTML 26Page - STMicroelectronics STA8089GAT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DS11777 Rev 4
23/33
STA8089GAT
Electrical characteristics
32
4.7
DC characteristics
Table 13 specifies the LDO1 voltage regulator characteristics.
Table 14 specifies the LDO2 voltage regulator characteristics.
Table 15 specifies the low voltage detection thresholds
Table 16 lists the DC characteristics for all the IO digital buffers except for the following input
buffers: STBYn (24), STDBY_OUT (23), WAKEUP (26), TRSTn (3) and RSTn (25).
Table 13. LDO1 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL1
Output voltage (1.2 V)
1.71 V ≤ VINL1 ≤ 1.89 V;
IOL1 ≤70mA
1.1
1.20
1.32
V
IOL1
Output current
0
—
70
mA
Table 14. LDO2 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL2
Output voltage
1.6 V ≤ VINL2 ≤4.3 V;
IOL2 ≤30 mA
1.08
1.20
1.32
V
IOL2
Output current
0
—
30
mA
Table 15. Low voltage detection thresholds
Parameter
Min.
Typ.
Max.
Unit
Input LVD always on
and main VRs(1)
1. Non tested in production.
Upper voltage threshold
—
1.680
—
V
Lower voltage threshold
—
1.650
—
V
Output LVD always
on VR(1)
Upper voltage threshold
—
0.995
—
V
Lower voltage threshold
—
0.935
—
V
Output LVD main VR
(1)
Upper voltage threshold @ VOLM = 1.2 V
—
1.142
—
V
Lower voltage threshold @ VOLM = 1.2 V
—
1.076
—
V
Table 16. I/O buffers DC characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
VIL(1)
Logical input low level voltage
VDDIO = 1.8 V
-0.3
—
0.3 * VDDIO
V
VDDIO = 3.3V
-0.3
—
0.8
V
VIH(1)
Logical input high level
voltage
VDDIO = 1.8 V
0.7 * VDDIO
—VDDIO + 0.3
V
VDDIO = 3.3V
2.0
—
VDDIO + 0.3
V
VHYST(2) Schmitt-trigger hysteresis
–
50
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com