Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8089GAT Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA8089GAT
Description  Automotive extended temperature GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089GAT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA8089GAT Datasheet HTML 16Page - STMicroelectronics STA8089GAT Datasheet HTML 17Page - STMicroelectronics STA8089GAT Datasheet HTML 18Page - STMicroelectronics STA8089GAT Datasheet HTML 19Page - STMicroelectronics STA8089GAT Datasheet HTML 20Page - STMicroelectronics STA8089GAT Datasheet HTML 21Page - STMicroelectronics STA8089GAT Datasheet HTML 22Page - STMicroelectronics STA8089GAT Datasheet HTML 23Page - STMicroelectronics STA8089GAT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Electrical characteristics
STA8089GAT
20/33
DS11777 Rev 4
4
Electrical characteristics
4.1
Parameter conditions
Unless otherwise specified, all voltages are referred to GND.
4.2
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices.
STA8089GAT parts are tested at T = -40 °C and T = 105 °C.
4.3
Typical values
Unless otherwise specified, typical data are based on TA = 25°C, Vddio = 1.8 V, Vdd = 1.20 V.
They are given only as design guidelines and are not tested.
4.4
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
4.5
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high static
voltages, however it is advisable to take normal precautions to avoid application of any
voltage higher than the specified maximum rated voltages.
Table 8 lists the absolute maximum rating.
Table 8. Voltage characteristics
Symbol
Parameter
Min.
Max.
Unit
VCC_CHAIN
Analog supply voltage for RF chain (1.2 V)
-0.3
1.32
V
VCC_PLL
Analog supply voltage for PLL RF (1.2 V)
-0.3
1.32
V
VCC_RF
Analog supply voltage for RF (1.2 V)
-0.3
1.32
V
VDDD
Power supply pins for the core logic.
-0.3
1.32
V
VDDIO_R1
Digital supply voltage for I/O ring 1 (1.8 V or 3.3 V)
-0.3
3.63
V
VDDIO_R2
Digital supply voltage for I/O ring 2 (3.3 V)
-0.3
3.63
V
VINB
Backup LDO input supply voltage (1.6 V to 4.3 V)
-0.3
4.8
V
VINL1
LDO1 input supply voltage (1.8 V)
-0.3
1.98
V
VINL2
LDO2 input supply voltage (1.6 V to 4.3 V)
-0.3
4.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com