Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7100BAS Datasheet(PDF) 12 Page - STMicroelectronics

Part # VNH7100BAS
Description  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100BAS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VNH7100BAS Datasheet HTML 8Page - STMicroelectronics VNH7100BAS Datasheet HTML 9Page - STMicroelectronics VNH7100BAS Datasheet HTML 10Page - STMicroelectronics VNH7100BAS Datasheet HTML 11Page - STMicroelectronics VNH7100BAS Datasheet HTML 12Page - STMicroelectronics VNH7100BAS Datasheet HTML 13Page - STMicroelectronics VNH7100BAS Datasheet HTML 14Page - STMicroelectronics VNH7100BAS Datasheet HTML 15Page - STMicroelectronics VNH7100BAS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Electrical specifications
VNH7100BAS
12/39
DocID029596 Rev 2
tLatch_RST_HD(1)
Input reset time for high-
side fault unlatch (see
Figure 9)
VINx = 5 V to 0 V; HSDx
faulting
310
20
μs
tLatch_RST_LS(1)
Input reset time for low-
side fault unlatch (see
Figure 10)
VINx = 0 V to 5 V; LSDx
faulting
310
20
μs
1. Parameter guaranteed by design and characterization; not subjected to production test.
Table 10. CS (7 V < VCC < 18 V; -40 °C < Tj < 150 °C)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VSENSE_CL
MultiSense clamp
voltage
VCC = 18 V; ISENSE = -5 mA
11
V
VCC = 18 V; ISENSE = 5 mA
-13
-9
V
K0
IOUT/ISENSE
IOUT = 0.05 A; VSENSE = 0.5 V;
Tj = -40°C to 150°C
536
K1
IOUT/ISENSE
IOUT = 0.2 A; VSENSE = 0.5 V;
Tj = -40°C to 150°C
710
1190 1670
K2
IOUT/ISENSE
IOUT = 2.5 A; VSENSE = 4 V;
Tj = -40°C to 150°C
1015 1120 1229
K3
IOUT/ISENSE
IOUT = 4 A; VSENSE = 4 V;
Tj = -40°C to 150°C
1040 1120 1200
dK0/K0(1)(2)
Analog sense current
drift
IOUT = 0.05 A; VSENSE = 0.5 V;
Tj = -40°C to 150°C
-25
25
%
dK1/K1(1)(2)
Analog sense current
drift
IOUT = 0.2 A; VSENSE = 0.5 V;
Tj = -40°C to 150°C
-21
21
%
dK2/K2(1)(2)
Analog sense current
drift
IOUT = 2.5 A; VSENSE = 4 V;
Tj = -40°C to 150°C
-5
5
%
dK3/K3(1)(2)
Analog sense current
drift
IOUT = 4 A; VSENSE = 4 V;
Tj = -40°C to 150°C
-4
4
%
VSENSE_SAT
Max analog sense
output voltage
VCC = 7 V; RSENSE = 10 kΩ;
VSEL0 = 5 V; IOUTA = 4 A;
VINA = 5 V; PWM = 0; Tj = 150 °C
5V
ISENSE0
MultiSense leakage
current
IOUT = 0 A; VSENSE = 0 V;
INx = 0 V; SEL0 = 0;
Tj = -40°C to 150°C (standby)
0
0.5
μA
IOUT = 0 A; VSENSE = 0 V;
INx = 0 V; SEL0 = 5 V;
Tj = -40°C to 150°C (no standby)
0
0.5
μA
INx = 5 V; PWM = 5 V:
Tj = -40°C to 150°C; IOUT = 0 A
05
μA
Table 9. Protections and diagnostics (VCC = 7 V up to 18 V; -40°C < Tj < 150°C)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com