Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7100BAS Datasheet(PDF) 38 Page - STMicroelectronics

Part # VNH7100BAS
Description  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100BAS Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VNH7100BAS Datasheet HTML 31Page - STMicroelectronics VNH7100BAS Datasheet HTML 32Page - STMicroelectronics VNH7100BAS Datasheet HTML 33Page - STMicroelectronics VNH7100BAS Datasheet HTML 34Page - STMicroelectronics VNH7100BAS Datasheet HTML 35Page - STMicroelectronics VNH7100BAS Datasheet HTML 36Page - STMicroelectronics VNH7100BAS Datasheet HTML 37Page - STMicroelectronics VNH7100BAS Datasheet HTML 38Page - STMicroelectronics VNH7100BAS Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Revision history
VNH7100BAS
38/39
DocID029596 Rev 2
6
Revision history
Table 20. Document revision history
Date
Revision
Changes
23-Aug-2016
1
Initial release.
02-Mar-2017
2
Document status promoted from target specification to production data.
Added ‘AEC-Q100 qualified’ as first feature in cover page.
Modified in cover page the value of VCCmax parameter from 41 V to
38 V.
Update on Table 10 the values of K0, K2 and K3 parameters, and for
ISENSEH parameter updated ‘Test conditions’ and Min. value.
Updated Table 12.
Updated Figure 25, Figure 26 and Figure 27.
Updated Table 16: Thermal parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com