Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7100BAS Datasheet(PDF) 14 Page - STMicroelectronics

Part # VNH7100BAS
Description  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100BAS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VNH7100BAS Datasheet HTML 10Page - STMicroelectronics VNH7100BAS Datasheet HTML 11Page - STMicroelectronics VNH7100BAS Datasheet HTML 12Page - STMicroelectronics VNH7100BAS Datasheet HTML 13Page - STMicroelectronics VNH7100BAS Datasheet HTML 14Page - STMicroelectronics VNH7100BAS Datasheet HTML 15Page - STMicroelectronics VNH7100BAS Datasheet HTML 16Page - STMicroelectronics VNH7100BAS Datasheet HTML 17Page - STMicroelectronics VNH7100BAS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Electrical specifications
VNH7100BAS
14/39
DocID029596 Rev 2
Figure 5. Definition of the low-side switching times
Figure 6. Definition of the high-side switching times
tf
PWM
t
t
VOUTA, B
20%
90%
80%
10%
tr
t
t
VOUTA
VINA
90%
10%
tD(on)
tD(off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com