Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRN0815GT1R00-HP Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # CSRN0815GT1R00-HP
Description  Thick Film Current Sensing Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRN0815GT1R00-HP Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  CSRN0815GT1R00-HP Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev Date: 6/21/202
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR / CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
– CSR1225
Performance Characteristics
Test
Test Method
Test Specification
Typical
Test Condition
High Temperature
Exposure
MIL-STD-202 Method 108
1% Tol: (± 1% + 0.05Ω)
2%, 5% Tol: (± 1.5% + 0.1Ω)
≤ 0.5%
1000 hours at T = 155°C. Unpowered. Measurement
at 24 ± 4 hours after test conclusion.
± (0.5% + 0.05Ω)
≤ 0.25%
± (1% + 0.05Ω)
For high power rating
≤ 0.5%
Temperature
Cycling
JESD22 Method JA-104
1% Tol: (± 0.5% + 0.05Ω)
2%, 5% Tol: (± 1.5% + 0.1Ω)
≤ 0.5%
1000 Cycles (-55°C to +125°C) Measurement at 24 ±
4 hours after test conclusion. 30 minuntes maximum
dwell time at each temperature extreme. 1 minute
maximum transition time.
Biased Humidity
MIL-STD-202 Method 103
1% Tol: (± 1% + 0.1Ω)
2%, 5% Tol: (± 2% + 0.1Ω)
≤ 0.5%
1000 hours 85°C / 85% RH. Note: Specified
conditions: 10% of operating power. Measurement at
24 ± 4 hours after test conclusion.
Operational Life
MIL-STD-202 Method 108
1% Tol: (± 1% + 0.1Ω)
2%, 5% Tol: (±2% + 0.1Ω)
≤ 0.5%
Condition D Steady State TA = 125°C at rated power.
Measurement at 24 ± 4 hours after test conclusion.
External Visual
MIL-STD 883 Method 2009
-
Pass
Electrical test not required. Inspect device
construction, marking and workmanship.
Physical
Dimensions
JESD22 Method JB-100
-
Pass
Verify physical dimensions to the applicable device
detail specification. Note: User(s) and supplier
specification, electrical test not required.
Resistance to
Solvents
MIL-STD 202 Method 215
Marking unsmeared
Pass
Note: Aqueous wash chemical - OKEM Clean or
equivalent. Do not use banned solvents.
Mechanical
Shock
MIL-STD 202 Method 213
1% Tol: (± 0.25% + 0.05Ω)
2%, 5% Tol: (± 1% + 0.05Ω)
≤ 0.5%
Figure 1 of Method 213. Condition C.
Vibration
MIL-STD 202 Method 204
1% Tol: (± 0.5% + 0.05Ω)
2%, 5% Tol: (±1% + 0.05Ω)
≤ 0.5%
5g's for 20 minuntes, 12 cycles each of 3 orientations.
Note: Use 8" X 5" PCB 0.031" thick 7 secure points on
one long side and 2 secure points at corners of
opposite sides. Parts mounted within 2" from any
secure point. Test from 10 - 2000Hz.
Resistance to
Soldering Heat
MIL-STD 202 Method 210
1% Tol: (± 0.5% +0.05Ω)
2%, 5% Tol: (± 1% + 0.05Ω)
≤ 0.5%
Condition B no pre-heat of samples. Note: Single
wave solder - Procedure 2 for SMD.
ESD
AEC-Q200-002
--
Pass
With the electrometer in direct contact with the
discharge tip, verify the voltage setting at levels of ±
500V, ± 1kV, ± 2kV, ± 4kV, ± 8kV. The electrometer
reading shall be within ± 10% for voltages from 500V
to ≤ 8kV.
Solderability
J-STD-002
> 95% Coverage
Pass
Electrical test not required. Magnification 50 times.
Conditions: SMD:
a) Method B, 4 hours @ 155°C dry heat @ 235°C.
b) Method B @ 215°C category 3.
c) Method D category 3 at 260°C.
Short Time
Overload
JIS-C-5201-1 4.13
IEC 60115-1 4.13
RCV (rated current) * 2.5 for 5 seconds.
Weight (g)
(1000 pieces)
0.126 ± 0.006
0.254 ± 0.006
0.035 ± 0.006
0.024 ± 0.012
0.031 ± 0.010
0.090 ± 0.005
inches
3.20 ± 0.15
6.45 ± 0.15
0.90 ± 0.15
0.60 ± 0.30
0.80 ± 0.25
2.29 ± 0.13
mm
Unit
D2
F
CSR1225
64.88
T
D1
L
Type/Code
W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com