Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRN0815GT1R00-HP Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # CSRN0815GT1R00-HP
Description  Thick Film Current Sensing Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRN0815GT1R00-HP Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  CSRN0815GT1R00-HP Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev Date: 6/21/202
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR / CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Recommended Pad Layouts - CSR
Performance Characteristics (cont.)
Test
Test Method
Test Specification
Typical
Test Condition
Electrical
Characterization
User Spec
--
Pass
Parametrically test per lot and sample size
requirements, summary to show Min, Max, Mean and
Standard Deviation at room as well as Min and Max
operating temperatures.
Flammability
UL-94
No ignition of tissue or scorching
of pine board.
Pass
V - 0 or V - 1 are acceptable. Electrical test not
required.
Board Flex
AEC-Q200-005
1% Tol: (± 1% + 0.05Ω)
2%, 5% Tol: (± 1% + 0.05Ω)
≤ 0.5%
60 second minimum holding time.
1.42 times Max. Operating Voltage for 1 minute.
Operating temperature range is -55ºC to +155ºC
Terminal Strength
(SMD)
AEC-Q200-006
Flame
Retardance
AEC-Q200-001
No breakage
Pass
No flame
Pass
Voltage Proof
JIS-C-5201-1 4.7
IEC-60115-1 4.7
No breakdown or flashover
Pass
0201: 50V; 0402: 100V; 0603: 150V; 0805: 300V
1206, 1210, 2010, 2512, 0830, 1225, 0815: 400V
Type/Code
a
b
Unit
0.010
0.012
0.016 ± 0.008
inches
0.25
0.30
0.40 ± 0.20
mm
0.020
0.020
0.024 ± 0.008
inches
0.50
0.50
0.60 ± 0.20
mm
0.031
0.039
0.035 ± 0.008
inches
0.80
1.00
0.90 ± 0.20
mm
0.039
0.039
0.053 ± 0.008
inches
1.00
1.00
1.35 ± 0.20
mm
0.079
0.045
0.067 ± 0.008
inches
2.00
1.15
1.70 ± 0.20
mm
0.079
0.045
0.098 ± 0.008
inches
2.00
1.15
2.50 ± 0.20
mm
CSR1206
CSR0201
CSR0603
CSR0805
CSR1210
c
CSR0402



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com