Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRN0815GT1R00-HP Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # CSRN0815GT1R00-HP
Description  Thick Film Current Sensing Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRN0815GT1R00-HP Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  CSRN0815GT1R00-HP Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRN0815GT1R00-HP Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev Date: 6/21/202
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR / CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Recommended Pad Layouts - CSRN
Recommended Pad Layouts
– CSR (cont.)
Type/Code
a
b
Unit
0.039
0.071
0.299 ± 0.008
inches
1.00
1.80
7.60 ± 0.20
mm
0.142
0.055
0.098 ± 0.008
inches
3.60
1.40
2.50 ± 0.20
mm
0.193
0.063
0.126 ± 0.008
inches
4.90
1.60
3.20 ± 0.20
mm
0.047
0.079
0.276 ± 0.008
inches
1.20
2.00
7.00 ± 0.20
mm
c
CSR1225
CSR0830
CSR2512
CSR2010
Type/Code
a
b
Unit
0.039
0.071
0.154 ± 0.008
inches
1.00
1.80
3.90 ± 0.20
mm
0.142
0.055
0.098 ± 0.008
inches
3.60
1.40
2.50 ± 0.20
mm
0.193
0.063
0.126 ± 0.008
inches
4.90
1.60
3.20 ± 0.20
mm
CSRN2010
CSRN2512
CSRN0815
c
Soldering Conditions
Profile Feature
Pb-Free Assembly
Preheat
Min. Temperature (Tsmin)
150°C
Max. Temperture (Tsmax)
200°C
Prehating time (ts) from (Tsmin to Tsmax)
60-120 seconds
Ramp-up Rate (TL to TP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) maintained above TL
60-150 seconds
Min. Peak Temperature (Tp min)
235°C
Max. Peak Temperature (Tp max)
260°C
Time (tp) within 5°C of the specified classification temperature (Tc)
30 seconds max.
Ramp-down rate (TP to TL)
6°C/second max.
Time 25°C to peak temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com