Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA901-VYY Datasheet(PDF) 7 Page - STMicroelectronics

Part # FDA901-VYY
Description  4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA901-VYY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button FDA901-VYY Datasheet HTML 3Page - STMicroelectronics FDA901-VYY Datasheet HTML 4Page - STMicroelectronics FDA901-VYY Datasheet HTML 5Page - STMicroelectronics FDA901-VYY Datasheet HTML 6Page - STMicroelectronics FDA901-VYY Datasheet HTML 7Page - STMicroelectronics FDA901-VYY Datasheet HTML 8Page - STMicroelectronics FDA901-VYY Datasheet HTML 9Page - STMicroelectronics FDA901-VYY Datasheet HTML 10Page - STMicroelectronics FDA901-VYY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
2
Electrical specifications
2.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
FB(x)+, FB(x)-
Feedback pin
-0.3 to 28
V
OUT(x)+, OUT(x)-
Output pin
-0.3 to 28
V
GNDmax[GND(x)+, GND(x)-, AGND, DGND]
Ground pin voltage difference
-0.3 to 0.3
V
I2Cdata, I2Cclk
I2C bus pins voltage
-0.3 to 5.5
V
I2Sdata1, I2Sdata2, I2Sclk, I2SWS
I2S bus pins voltage
-0.3 to 5.5
V
Enable1,2,3
Enables
-0.3 to 5.5
V
HWMute
Hardware mute
-0.3 to 7
V
CD/Diag
Clip Detection/Diagnostic pin
-0.3 to 5.5
V
IO
Output current (repetitive f > 10 Hz)
internally limited
A
Tamb
Ambient operating temperature
-40 to 105
°C
Tstg,Tj
Storage and junction temperature
-55 to 150
°C
ESDHBM
ESD protection HBM(1)
2000
V
ESDCDM
ESD protection CDM(1)
500
V
1. Conform to ESD standard.
2.2
Thermal data
Table 3. Thermal data
Symbol
Parameter
Typ
Max
Unit
Rth j-case
Thermal resistance junction-to-case
1.15
1.6
°C/W
FDA901
Electrical specifications
DB3856 - Rev 1
page 7/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com