Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA901-VYY Datasheet(PDF) 1 Page - STMicroelectronics

Part # FDA901-VYY
Description  4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA901-VYY Datasheet(HTML) 1 Page - STMicroelectronics

  FDA901-VYY Datasheet HTML 1Page - STMicroelectronics FDA901-VYY Datasheet HTML 2Page - STMicroelectronics FDA901-VYY Datasheet HTML 3Page - STMicroelectronics FDA901-VYY Datasheet HTML 4Page - STMicroelectronics FDA901-VYY Datasheet HTML 5Page - STMicroelectronics FDA901-VYY Datasheet HTML 6Page - STMicroelectronics FDA901-VYY Datasheet HTML 7Page - STMicroelectronics FDA901-VYY Datasheet HTML 8Page - STMicroelectronics FDA901-VYY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LQFP64 (exposed pad up)
GAPGPS01631
Features
•
AEC-Q100 qualified
•
Integrated 110 dB D/A conversion
•
I2S and TDM digital input (3.3/1.8 V)
•
Input sampling frequency: 44.1 kHz, 48 kHz, 96 kHz and 192 kHz
•
Class-D channels with 93% efficiency
•
CISPR25 - Class V (Fourth Edition)
•
Low radiation function (LRF)
•
Idle tones free DAC
•
Output lowpass filter included in the feedback allowing superior audio
performance
•
High output power capability
–
28 W/4 Ω 10% THD, Vd = 14.4 V
–
Max. output power: 4 x 50 W/4 Ω @ 15.2 V, 1 kHz
•
Full I2C bus driving (3.3/1.8 V):
–
Channel independent Eco-Mode
–
Channel independent soft play/mute
–
I2C bus diagnostics, including DC and AC load detection and load value
recognition
•
Integrated fault protection
•
Input and output offset detector
•
Clipping detector
•
Real time load current monitoring (on I2C and TDM data lines)
•
ESD protection
•
6 V operation ("Start - Stop" engines compatibility)
•
2 and 1 Ω load driving capability
Description
FDA901 is a new BCD technology Quad Bridge class D amplifier, specially intended
for car radio automotive applications.
Thanks to the technology used, it is possible to integrate a high performance D/A
converter together with powerful MOSFET outputs in class D, to get an outstanding
efficiency compared to the standard class AB.
The integrated D/A converter allows to reach outstanding performances (115 dB S/N
ratio with 110 dB of dynamic range). The feedback loop includes the output L-C low-
pass filter, allowing superior frequency response linearity and lower distortion
independently from the inductor and capacitor quality.
FDA901 is fully configurable through I2C bus, moreover it includes not only the most
complete load diagnostic matrix but also a unique real time load current acquisition
on I2C and I2S data lines, enabling sophisticated speaker monitoring functions.
Thanks to the solutions implemented to contain EMI emissions, the device is
intended to be used in the standard single DIN car-radio box together with the tuner.
Product status link
FDA901
Device summary
Order code
Package
Packing
FDA901-VYY
LQFP64
(exposed
pad up)
Tray
FDA901-VYT
Tape &
Reel
4 x 50 W class-D digital input automotive power amplifier with load current
monitoring and low voltage operation
FDA901
Data brief
DB3856 - Rev 1 - March 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - FDA901-VYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA903D STMICROELECTRONICS-FDA903D Datasheet
1Mb / 82P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
03-May-2018
FDA903D-EHT STMICROELECTRONICS-FDA903D-EHT Datasheet
1Mb / 82P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
03-May-2018
FDA903D-EHX STMICROELECTRONICS-FDA903D-EHX Datasheet
1Mb / 82P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
03-May-2018
FDA903Q STMICROELECTRONICS-FDA903Q Datasheet
319Kb / 16P
1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
03-May-2021
FDA903Q-V0T STMICROELECTRONICS-FDA903Q-V0T Datasheet
319Kb / 16P
1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
03-May-2021
More results

Similar Description - FDA901-VYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA802B STMICROELECTRONICS-FDA802B Datasheet
301Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
22-Aug-2017
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA903D STMICROELECTRONICS-FDA903D Datasheet
1Mb / 82P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
03-May-2018
FDA903Q STMICROELECTRONICS-FDA903Q Datasheet
319Kb / 16P
1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
03-May-2021
FDA903U STMICROELECTRONICS-FDA903U Datasheet
1Mb / 80P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
04-Jul-2019
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com