Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA901-VYY Datasheet(PDF) 3 Page - STMicroelectronics

Part # FDA901-VYY
Description  4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA901-VYY Datasheet(HTML) 3 Page - STMicroelectronics

  FDA901-VYY Datasheet HTML 1Page - STMicroelectronics FDA901-VYY Datasheet HTML 2Page - STMicroelectronics FDA901-VYY Datasheet HTML 3Page - STMicroelectronics FDA901-VYY Datasheet HTML 4Page - STMicroelectronics FDA901-VYY Datasheet HTML 5Page - STMicroelectronics FDA901-VYY Datasheet HTML 6Page - STMicroelectronics FDA901-VYY Datasheet HTML 7Page - STMicroelectronics FDA901-VYY Datasheet HTML 8Page - STMicroelectronics FDA901-VYY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
1
Block diagram and pins description
1.1
Block diagram
Figure 1. Block diagram
I2S
interface
I2Sdata2
I2Sdata1
I2Sws
I2Sclk
PLL
I2C
TAB
PWM
Power Amplifier
Out1+
Out1-
Feedback1+
Feedback1
-
Feedback2+
Feedback2
-
Out2+
Out2-
Feedback3+
Feedback3
-
Out3+
Out3-
Feedback4+
Feedback4
-
Out4+
Out4-
Mute
Charge
Pump
63
27
29
28
49
14/15
10/18
4/5
9/64
34/35
31/39
44/45
40/50
56
57
55
54
22
21 20
51
53
52
59
61
60
58
62
25
24
23
26
19
16/17
11
1
8
30
38
48
41
12/13
2/3
6/7
32/33
36/37
46/47
42/43
D2A CH1
D2A CH2
D2A CH3
D2A CH4
Audio processing
Diagnostic
Current Sensing
PWM
Power Amplifier
PWM
Power Amplifier
PWM
Power Amplifier
GADG1401191533PS
FDA901
Block diagram and pins description
DB3856 - Rev 1
page 3/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com