Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA003CD-48X Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPA003CD-48X
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003CD-48X Datasheet(HTML) 1 Page - STMicroelectronics

  STPA003CD-48X Datasheet HTML 1Page - STMicroelectronics STPA003CD-48X Datasheet HTML 2Page - STMicroelectronics STPA003CD-48X Datasheet HTML 3Page - STMicroelectronics STPA003CD-48X Datasheet HTML 4Page - STMicroelectronics STPA003CD-48X Datasheet HTML 5Page - STMicroelectronics STPA003CD-48X Datasheet HTML 6Page - STMicroelectronics STPA003CD-48X Datasheet HTML 7Page - STMicroelectronics STPA003CD-48X Datasheet HTML 8Page - STMicroelectronics STPA003CD-48X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
January 2020
DS10473 Rev 2
1/25
STPA003
4 x 52 W quad bridge power amplifier with high side driver and
low voltage operation
Datasheet
- production data
Features
High output power capability:
– 4 x 52 W/4 Ω max.
– 4 x 30 W/4 Ω @ 14.4 V, 1 kHz, 10 %
– 4 x 85 W/2 Ω max.
– 4 x 55 W/2 Ω @ 14.4V, 1 kHz, 10 %
MOSFET output power stage
Capable to operate in low voltage conditions
(e.g.: “Start - Stop”)
Excellent GSM noise immunity
Excellent 2 Ω driving capability
Hi-Fi class distortion
Low output noise
Standby function and mute function
Automute at min. supply voltage detection
Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
On board 0.4 A high side driver
Protections:
– Output short circuit to GND, to Vs, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Output DC offset detection
– Load dump voltage
– Fortuitous open GND
– Reversed battery
– ESD
Description
The STPA003 is a MOSFET class AB audio
power amplifier, designed for high-power car
radio. In addition to the outstanding output current
capability and distortion performance, the
STPA003 is extremely robust against several
kinds of fortuitous misconnection.
It is compliant to the most recent OEM
specifications for low voltage operation (the so
called 'start-stop' battery profile during engine
stop).
It includes a DC offset detector and, in
Flexiwatt27 package, a high side driver or a
clipping detector.
GAPGPS00070
GAPGPS00670
Flexiwatt25
Flexiwatt27
Table 1. Device summary
Order code
Package
Packing
STPA003OD-4WX
Flexiwatt25 (with OD)
Tube
STPA003CD-48X
Flexiwatt27 (with CD)
Tube
STPA003HSD-48X
Flexiwatt27 (with HSD)
Tube
www.st.com


Similar Part No. - STPA003CD-48X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STPA001 ETC2-STPA001 Datasheet
2Mb / 2P
power amplifiers moving to the green zone
logo
STMicroelectronics
STPA001 STMICROELECTRONICS-STPA001 Datasheet
638Kb / 26P
4 x 50 W MOSFET quad bridge power amplifier
27-Oct-2014
STPA001A STMICROELECTRONICS-STPA001A Datasheet
638Kb / 26P
4 x 50 W MOSFET quad bridge power amplifier
27-Oct-2014
STPA001AH STMICROELECTRONICS-STPA001AH Datasheet
638Kb / 26P
4 x 50 W MOSFET quad bridge power amplifier
27-Oct-2014
STPA001H STMICROELECTRONICS-STPA001H Datasheet
638Kb / 26P
4 x 50 W MOSFET quad bridge power amplifier
27-Oct-2014
More results

Similar Description - STPA003CD-48X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
19-Sep-2014
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com