Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA008-ZST Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPA008-ZST
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-ZST Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPA008-ZST Datasheet HTML 8Page - STMicroelectronics STPA008-ZST Datasheet HTML 9Page - STMicroelectronics STPA008-ZST Datasheet HTML 10Page - STMicroelectronics STPA008-ZST Datasheet HTML 11Page - STMicroelectronics STPA008-ZST Datasheet HTML 12Page - STMicroelectronics STPA008-ZST Datasheet HTML 13Page - STMicroelectronics STPA008-ZST Datasheet HTML 14Page - STMicroelectronics STPA008-ZST Datasheet HTML 15Page - STMicroelectronics STPA008-ZST Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Electrical specifications
STPA008ZS
12/25
DS13138 Rev 2
3.4
Typical curves of the main electrical parameters
Figure 4. Quiescent current vs. supply voltage Figure 5. Output power vs. supply voltage (4 Ω)
GAPG0804151140PS
Iq (mA)
68
280
260
240
220
200
180
160
140
120
100
80
Vin = 0
10
Vs (V)
12
14
16
18
0
6789
13
GAPG0804151149PS
f = 1 KHz
Po (W)
80
70
60
50
40
30
20
10
Po-max
THD = 1%
THD = 10%
Vs (V)
12
10
11
14
15
16
17
18
Figure 6. Output power vs. supply voltage (2 Ω)
Figure 7. Distortion vs. output power (4 Ω)
0
6789
10
GAPG0804151247PS
110
100
90
80
70
60
50
40
30
20
10
f = 1 KHz
Po (W)
Vs (V)
Po-max
THD = 1%
THD = 10%
11
12
13
14
15
16
0.1
1
GAPG0804151320PS
Vs = 14.4 V
THD (%)
10
1
0.1
0.01
0.001
f= 1 KHz
f= 10 KHz
Po (W)
10
Figure 8. Distortion vs. output power (2 Ω)
Figure 9. Distortion vs. frequency (4 Ω)
1
GAPG0804151504PS
f = 1 KHz
f = 10 KHz
Vs = 14.4 V
Po (W)
THD (%)
0.1
10
1
0.1
0.01
0.001
10
GAPG0804151515PS
Po = 4 W
Vs = 14.4 V
f (Hz)
THD (%)
10
10
1
0.1
0.01
0.001
100
1000
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com