Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA008-ZST Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPA008-ZST
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-ZST Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPA008-ZST Datasheet HTML 9Page - STMicroelectronics STPA008-ZST Datasheet HTML 10Page - STMicroelectronics STPA008-ZST Datasheet HTML 11Page - STMicroelectronics STPA008-ZST Datasheet HTML 12Page - STMicroelectronics STPA008-ZST Datasheet HTML 13Page - STMicroelectronics STPA008-ZST Datasheet HTML 14Page - STMicroelectronics STPA008-ZST Datasheet HTML 15Page - STMicroelectronics STPA008-ZST Datasheet HTML 16Page - STMicroelectronics STPA008-ZST Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DS13138 Rev 2
13/25
STPA008ZS
Electrical specifications
24
Figure 10. Distortion vs. frequency (2 Ω)
Figure 11. Distortion vs. output power
(4 Ω, VS = 6 V)
GAPG0804151522PS
Po = 8 W
Vs = 14.4 V
f (Hz)
THD (%)
10
10
1
0.1
0.01
0.001
100
1000
10000
1
GAPG0804151537PS
f = 1 KHz
f = 10 KHz
Vs = 6 V
Po (W)
THD (%)
0.1
10
1
0.1
0.01
0.001
Figure 12. Distortion vs. output power
(2 Ω, VS = 6 V)
Figure 13. Supply voltage rejection vs.
frequency
1
GAPG0804151546PS
f = 1 KHz
f = 10 KHz
Vs = 6 V
Po (W)
THD (%)
0.1
10
1
0.1
0.01
0.001
10
GAPG0904150837PS
Vripple = 1 Vrms
f (Hz)
SVR (dB)
10
-50
-55
-60
-65
-70
-75
-80
-85
-90
100
1000
10000
100000
Figure 14. Crosstalk vs. frequency
Figure 15. Total power dissipation & efficiency
vs. Po (4 Ω, Sine)
GAPG0804151558PS
Po = 4 W
10
-30
CROSSTALK (dB)
-40
-50
-60
-70
-80
-90
-100
f (Hz)
100
1000
10000
GAPG0804151608PS
02468
0
f = 1 KHz
Vs = 14.4 V
Pdiss (W)
Po (W)
Pdiss
90
80
70
60
50
40
30
20
10
90
80
70
60
50
40
30
20
10
10 12 14 16 18 20 22 24 26 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com