Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA008-ZST Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPA008-ZST
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-ZST Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPA008-ZST Datasheet HTML 13Page - STMicroelectronics STPA008-ZST Datasheet HTML 14Page - STMicroelectronics STPA008-ZST Datasheet HTML 15Page - STMicroelectronics STPA008-ZST Datasheet HTML 16Page - STMicroelectronics STPA008-ZST Datasheet HTML 17Page - STMicroelectronics STPA008-ZST Datasheet HTML 18Page - STMicroelectronics STPA008-ZST Datasheet HTML 19Page - STMicroelectronics STPA008-ZST Datasheet HTML 20Page - STMicroelectronics STPA008-ZST Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DS13138 Rev 2
17/25
STPA008ZS
General information
24
4.2.3
Advanced battery management (hybrid vehicles)
In hybrid vehicles, the engine ignition causes a fast increase of battery voltage which can
reach 16 V in less than 10 ms. In addition to compatibility with low Vbatt, STPA008ZS is
able to sustain upwards fast battery transitions without causing unwanted audible effects,
like pop noise, and without any sound interruption thanks to the innovative circuit topology.
Figure 22. Upwards fast battery transitions diagram
GAPGPS00676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com