Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7562BEP Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7562BEP
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562BEP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7562BEP Datasheet HTML 15Page - STMicroelectronics TDA7562BEP Datasheet HTML 16Page - STMicroelectronics TDA7562BEP Datasheet HTML 17Page - STMicroelectronics TDA7562BEP Datasheet HTML 18Page - STMicroelectronics TDA7562BEP Datasheet HTML 19Page - STMicroelectronics TDA7562BEP Datasheet HTML 20Page - STMicroelectronics TDA7562BEP Datasheet HTML 21Page - STMicroelectronics TDA7562BEP Datasheet HTML 22Page - STMicroelectronics TDA7562BEP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DocID028961 Rev 1
19/34
TDA7562BEP
Diagnostics functional description
33
4.5
Multiple faults
When more misconnections are simultaneously in place at the audio outputs, it is
guaranteed that at least one of them is initially read out. The others are notified after
successive cycles of I2C reading and faults removal, provided that the diagnostic is enabled.
This is true for both kinds of diagnostic (Turn-on and Permanent).
The table below shows all the couples of double-fault possible. It should be taken into
account that a short circuit with the 4 ohm speaker unconnected is considered as double
fault.
4.6
Faults availability
All the results coming from I2C Bus, by read operations, are the consequence of
measurements inside a defined period of time. If the fault is stable throughout the whole
period, it will be sent out. This is true for DC diagnostic (Turn-on and Permanent), for Offset
Detector, for AC Diagnostic (the low current sensor needs to be stable to confirm the Open
tweeter).
To always guarantee resident functions, every kind of diagnostic cycles (Turn-on,
Permanent, Offset, AC) will be reactivated after any I2C reading operation. So, when the
micro reads the I2C, a new cycle will be able to start, but the read data will come from the
previous diag. cycle (i.e. The device is in Turn-on state, with a short to GND, then the short
is removed and micro reads I2C. The short to GND is still present in bytes, because it is the
result of the previous cycle. If another I2C reading operation occurs, the bytes do not show
the short). In general to observe a change in Diagnostic bytes, two I2C reading operations
are necessary.
Table 5. Double fault table for turn on diagnostic
-
S. GND (so)
S. GND (sk)
S. Vs
S. Across L.
Open L.
S. GND (so)(1)
1. S. GND (so) / S. GND (sk) in the above table make a distinction according to which of the 2 outputs is
shorted to ground (test-current source side= so, test-current sink side = sk). More precisely, in channels LF
and LR, so = CH+, sk = CH-; in channels LR and RF, so = CH-, SK = CH+.
S. GND
S. GND
S. Vs + S.
GND
S. GND
S. GND
S. GND (sk)(1)
/
S. GND
S. Vs
S. GND
Open Load(2)
2. In Permanent Diagnostic the table is the same, with only a difference concerning Open Load, which is not
among the recognizable faults. Should an Open Load be present during the device's normal working, it
would be detected at a subsequent Turn on Diagnostic cycle (i.e. at the successive Car Radio Turn on).
S. Vs
/
/
S. Vs
S. Vs
S. Vs
S. Across L.
/
/
/
S. Across L.
N.A.
Open L.
/
/
/
/
Open Load (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com