Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7562BEP Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7562BEP
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562BEP Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7562BEP Datasheet HTML 26Page - STMicroelectronics TDA7562BEP Datasheet HTML 27Page - STMicroelectronics TDA7562BEP Datasheet HTML 28Page - STMicroelectronics TDA7562BEP Datasheet HTML 29Page - STMicroelectronics TDA7562BEP Datasheet HTML 30Page - STMicroelectronics TDA7562BEP Datasheet HTML 31Page - STMicroelectronics TDA7562BEP Datasheet HTML 32Page - STMicroelectronics TDA7562BEP Datasheet HTML 33Page - STMicroelectronics TDA7562BEP Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
DocID028961 Rev 1
31/34
TDA7562BEP
Package information
33
Table 12. Flexiwatt 27 (vertical exposed pad) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
Ө
5°
5°
Ө13°
3°
Ө2
20°
20°
Ө3
45°
45°
A
4.45
-
4.65
0.1752
-
0.1831
A1
3.70
-
4.30
0.1457
-
0.1693
A2
1.80
-
2.0
0.0709
-
0.0787
b
0.48
-
0.57
0.0189
-
0.0224
b1
0.46
0.50
0.54
0.0181
0.0197
0.0213
c
0.38
-
0.42
0.0150
-
0.0165
C
-
1.40
-
-
0.0551
-
c1
0.36
0.38
0.40
0.0142
0.0150
-
D (2)
28.9
29.23
29.30
1.1378
1.1508
1.1535
D1
9.475
-
9.525
0.3730
-
0.3750
D2
0.80
-
-
0.0315
-
-
D3
0.85
-
-
0.0335
-
-
D4
0.70
0.80
0.90
0.0276
0.0315
0.0354
D5
-
17.00
-
-
0.6693
-
D6
-
12.80
-
-
0.5039
-
e
1.00 BSC
0.0394 BSC
e1
4.00 BSC
0.1575 BSC
E
22.07
22.47
22.87
0.8689
0.8846
0.9004
E1 (2)
15.50
15.70
15.90
0.6102
0.6181
0.6260
E2
7.375
-
7.425
0.2904
-
0.2923
E3
-
-
0.20
-
-
0.0079
E4
7.70
7.85
7.95
0.3031
0.3091
0.3130
E5
-
5.0
-
-
0.1969
-
h
-
2.0
-
-
0.0787
-
L1
18.57
18.97
19.37
0.7311
0.7469
0.7626
L2
-
3.50
-
-
0.1378
-
N27
R
-
1.70
-
-
0.0669
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com