Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7562BEP Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7562BEP
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562BEP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7562BEP Datasheet HTML 26Page - STMicroelectronics TDA7562BEP Datasheet HTML 27Page - STMicroelectronics TDA7562BEP Datasheet HTML 28Page - STMicroelectronics TDA7562BEP Datasheet HTML 29Page - STMicroelectronics TDA7562BEP Datasheet HTML 30Page - STMicroelectronics TDA7562BEP Datasheet HTML 31Page - STMicroelectronics TDA7562BEP Datasheet HTML 32Page - STMicroelectronics TDA7562BEP Datasheet HTML 33Page - STMicroelectronics TDA7562BEP Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Package information
TDA7562BEP
32/34
DocID028961 Rev 1
R1
-
0.50
-
-
0.0197
-
R2
-
0.30
-
-
0.0118
-
R3
-
1.25
-
-
0.0492
-
R4
-
0.50
-
-
0.0197
-
S
0.75
0.90
1.05
0.0295
0.0354
0.0413
S1
-
2.20
-
-
0.0866
-
Tolerance of form and position
ccc
0.15
0.0059
ddd
0.30
0.0118
eee
0.60
0.0236
ggg
0.30
0.0118
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Dimensions D and E1 include mold flash or protrusions.
D and E1 are maximum plastic body size dimensions including mold mismatch.
Table 12. Flexiwatt 27 (vertical exposed pad) package mechanical data (continued)
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com