Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLV Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7577BLV
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLV Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7577BLV Datasheet HTML 14Page - STMicroelectronics TDA7577BLV Datasheet HTML 15Page - STMicroelectronics TDA7577BLV Datasheet HTML 16Page - STMicroelectronics TDA7577BLV Datasheet HTML 17Page - STMicroelectronics TDA7577BLV Datasheet HTML 18Page - STMicroelectronics TDA7577BLV Datasheet HTML 19Page - STMicroelectronics TDA7577BLV Datasheet HTML 20Page - STMicroelectronics TDA7577BLV Datasheet HTML 21Page - STMicroelectronics TDA7577BLV Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Diagnostics functional description
TDA7577BLV
18/43
DocID025375 Rev 5
Figure 25. SVR and output pin behavior - case 2: with turn-on diagnostic
The information related to the outputs status is read and memorized at the end of the
current pulse plateau. The acquisition time is 100 ms (typ.). No audible noise is generated in
the process. As for SHORT TO GND / Vs the fault-detection thresholds remain unchanged
from 26 dB to 16 dB gain setting. They are as follows:
Figure 26. Short circuit detection thresholds
Concerning SHORT ACROSS THE SPEAKER / OPEN SPEAKER, the threshold varies
from 26 dB to 16 dB gain setting, since different loads are expected (either normal speaker's
impedance or high impedance). The values in case of 26 dB gain are as follows:
Figure 27. Load detection thresholds - high gain setting
If the Line-Driver mode (Gv = 16 dB and Line Driver Mode diagnostic = 1) is selected, the
same thresholds will change as follows:
Figure 28. Load detection thresholds - high gain setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com