Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLV Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7577BLV
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLV Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7577BLV Datasheet HTML 27Page - STMicroelectronics TDA7577BLV Datasheet HTML 28Page - STMicroelectronics TDA7577BLV Datasheet HTML 29Page - STMicroelectronics TDA7577BLV Datasheet HTML 30Page - STMicroelectronics TDA7577BLV Datasheet HTML 31Page - STMicroelectronics TDA7577BLV Datasheet HTML 32Page - STMicroelectronics TDA7577BLV Datasheet HTML 33Page - STMicroelectronics TDA7577BLV Datasheet HTML 34Page - STMicroelectronics TDA7577BLV Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
DocID025375 Rev 5
31/43
TDA7577BLV
Software specifications
42
If R/W = 1, the TDA7577BLV sends 2 "Diagnostics Bytes" to μP: DB1 and DB2.
Table 8. IB2
Bit
Instruction decoding bit
D7
Current Detection Threshold HIGH (D7 =0)
Current Detection Threshold LOW (D7 =1)
D6
0
D5
Fast muting disable - (D5 = 0)
Fast muting enable - (D5 = 1)
D4
Stand-by on - Amplifier not working - (D4 = 0)
Stand-by off - Amplifier working - (D4 = 1)
D3
Power Amplifier Mode Diagnostic (D3 = 0);
Line Driver Mode Diagnostic (D3 = 1)
D2
Current Detection Diagnostic Enabled (D2 = 1)
Current Detection Diagnostic Defeat (D2 = 0)
D1
Power amplifier working in standard mode (D1 = 0)
Power amplifier working in high efficiency mode (D1 = 1)
D0
0
Table 9. DB1
Bit
Instruction decoding bit
D7
Thermal warning (if Tchip ≥ 140°C, D7 = 1)
D6
Diag. cycle not activated or not terminated (D6 = 0)
Diag. cycle terminated (D6 = 1)
D5
Channel 1
Current detection IB2 (D0) = 0
Output peak current < 250 mA - Open load (D5 = 1)
Output peak current > 500 mA - Normal load (D5 = 0)
Channel1
Current detection IB2 (D0) = 1
Output peak current < 125 mA - Open load (D5 = 1)
Output peak current > 250 mA - Normal load (D5 = 0)
D4
Channel 1
Turn-on diagnostic (D4 = 0)
Permanent diagnostic (D4 = 1)
D3
Channel 1
Normal load (D3 = 0)
Short load (D3 = 1)
D2
Channel 1
Turn-on diag.: No open load (D2 = 0)
Open load detection (D2 = 1)
Offset diag.: No output offset (D2 = 0)
Output offset detection (D2 = 1)
D1
Channel 1
No short to Vcc (D1 = 0)
Short to Vcc (D1 = 1)
D0
Channel 1
No short to GND (D0 = 0)
Short to GND (D0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com