Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLV Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7577BLV
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLV Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7577BLV Datasheet HTML 24Page - STMicroelectronics TDA7577BLV Datasheet HTML 25Page - STMicroelectronics TDA7577BLV Datasheet HTML 26Page - STMicroelectronics TDA7577BLV Datasheet HTML 27Page - STMicroelectronics TDA7577BLV Datasheet HTML 28Page - STMicroelectronics TDA7577BLV Datasheet HTML 29Page - STMicroelectronics TDA7577BLV Datasheet HTML 30Page - STMicroelectronics TDA7577BLV Datasheet HTML 31Page - STMicroelectronics TDA7577BLV Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
I2C bus interface
TDA7577BLV
28/43
DocID025375 Rev 5
9
I2C bus interface
Data transmission from microprocessor to the TDA7577BLV and vice versa takes place
through the 2 wires I2C bus interface, consisting of the two lines SDA and SCL (pull-up
resistors to positive supply voltage must be connected).
9.1
Data validity
As shown by Figure 37, the data on the SDA line must be stable during the high period of
the clock.
The HIGH and LOW state of the data line can only change when the clock signal on the SCL
line is LOW.
9.2
Start and stop conditions
As shown by Figure 38 a start condition is a HIGH to LOW transition of the SDA line while
SCL is HIGH.
The stop condition is a LOW to HIGH transition of the SDA line while SCL is HIGH.
9.3
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
9.4
Acknowledge
The transmitter(*) puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse (see Figure 39). The receiver(**) has to pull-down (LOW) the SDA line during the
acknowledge clock pulse, so that the SDA line is stable LOW during this clock pulse.
(*) Transmitter
= master (μP) when it writes an address to the TDA7577BLV
= slave (TDA7577BLV) when the μP reads a data byte from TDA7577BLV
(**) Receiver
= slave (TDA7577BLV) when the μP writes an address to the TDA7577BLV
= master (μP) when it reads a data byte from TDA7577BLV
Figure 37. Data validity on the I2C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com