Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7808-ZST Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7808-ZST
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808-ZST Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7808-ZST Datasheet HTML 9Page - STMicroelectronics TDA7808-ZST Datasheet HTML 10Page - STMicroelectronics TDA7808-ZST Datasheet HTML 11Page - STMicroelectronics TDA7808-ZST Datasheet HTML 12Page - STMicroelectronics TDA7808-ZST Datasheet HTML 13Page - STMicroelectronics TDA7808-ZST Datasheet HTML 14Page - STMicroelectronics TDA7808-ZST Datasheet HTML 15Page - STMicroelectronics TDA7808-ZST Datasheet HTML 16Page - STMicroelectronics TDA7808-ZST Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
DS12230 Rev 4
13/39
TDA7808
Electrical specification
38
3.4
Electrical characteristics typical curves
I2S pins
VIL-I2S
Input low voltage
-
-
-
0.8
V
VIH-I2S
Input high voltage
-
1.3
-
-
V
IIH
Input high current
@ VI = 3.3 V-
-
1
μA
IIL
Input low current
@ VI = 0 V-
-
1
μA
Unmute hardware (pin 13)
VHW_UNMUTE
Hardware unmute threshold
(PSO36 only)
Attenuation ≥60 dB
-
-
1.2
V
Attenuation <0.5 dB
2.6
-
-
V
IUNMUTE
Input high current
@ VI = 3.3 V-
-
1
μA
Input low current
@ VI = 0 V-
-
1
μA
1. Square-wave input / saturated output.
2. Evaluated at bench during product validation.
3. Guaranteed by design (intrinsically immune from any pop at mute to play and play to mute transitions)
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Figure 5. Quiescent current vs. supply voltage Figure 6. Output power vs. supply voltage (4 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com