Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7808-ZST Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7808-ZST
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808-ZST Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7808-ZST Datasheet HTML 31Page - STMicroelectronics TDA7808-ZST Datasheet HTML 32Page - STMicroelectronics TDA7808-ZST Datasheet HTML 33Page - STMicroelectronics TDA7808-ZST Datasheet HTML 34Page - STMicroelectronics TDA7808-ZST Datasheet HTML 35Page - STMicroelectronics TDA7808-ZST Datasheet HTML 36Page - STMicroelectronics TDA7808-ZST Datasheet HTML 37Page - STMicroelectronics TDA7808-ZST Datasheet HTML 38Page - STMicroelectronics TDA7808-ZST Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Package information
TDA7808
36/39
DS12230 Rev 4
H3
-
0.80
-
-
0.0315
-
L (3)
22.07
22.47
22.87
0.8689
0.8846
0.9004
L1
18.57
18.97
19.37
0.7311
0.7469
0.7626
L2 (3)
15.50
15.70
15.90
0.6102
0.6181
0.6260
L3
7.70
7.85
7.95
0.3031
0.3091
0.3130
L4
-
5
-
-
0.1969
-
L5
3.35
3.5
3.65
0.1319
0.1378
0.1437
M
3.70
4.00
4.30
0.1457
0.1575
0.1693
M1
3.60
4.00
4.40
0.1417
0.1575
0.1732
N
-
2.20
-
-
0.0866
-
O
-
2
-
-
0.0787
-
R
-
1.70
-
-
0.0669
-
R1
-
0.5
-
-
0.0197
-
R2
-
0.3
-
-
0.0118
-
R3
-
1.25
-
-
0.0492
-
R4
-
0.50
-
-
0.0197
-
V5°
5°
V1
3°
3°
V2
20°
20°
V3
45°
45°
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. dam-bar protusion not included.
3. molding protusion included.
Table 16. Flexiwatt 27 (vertical) package mechanical data (continued)
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com