Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7808-ZST Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7808-ZST
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808-ZST Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7808-ZST Datasheet HTML 17Page - STMicroelectronics TDA7808-ZST Datasheet HTML 18Page - STMicroelectronics TDA7808-ZST Datasheet HTML 19Page - STMicroelectronics TDA7808-ZST Datasheet HTML 20Page - STMicroelectronics TDA7808-ZST Datasheet HTML 21Page - STMicroelectronics TDA7808-ZST Datasheet HTML 22Page - STMicroelectronics TDA7808-ZST Datasheet HTML 23Page - STMicroelectronics TDA7808-ZST Datasheet HTML 24Page - STMicroelectronics TDA7808-ZST Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DS12230 Rev 4
21/39
TDA7808
I2S and TDM bus interface
38
7.2
I2S input data format
The TDA7808 accepts I2S standard interface format as in Figure 26 and the I2C bit
configuration is IB3 [D5,D4,D3] = "000".
Figure 26. I2S format
7.3
TDM input data format
TDM 4-channel is allowed for TDA7808 and it is as in Figure 27. All the channels are sent
on the audio data line SD24. The channel's order is 1, 2, 3 and 4. The I2C bit configuration is
IB3 [D5, D4, D3] = "001".
Figure 27. TDM 4-channel format
TDM 8-channel is also allowed and two devices (device 1 and device 2) can be driven by
using just one serial data line SD24. There are two selectable options
When IB3 [D5,D4,D3] = "010" device 1 is first sent; when IB3 [D5,D4,D3] = "011" device 2 is
first sent. In Figure 28 TDM 8-channel format is showed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com