Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22652 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP22652
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22652 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP22652 Datasheet HTML 2Page - Diodes Incorporated AP22652 Datasheet HTML 3Page - Diodes Incorporated AP22652 Datasheet HTML 4Page - Diodes Incorporated AP22652 Datasheet HTML 5Page - Diodes Incorporated AP22652 Datasheet HTML 6Page - Diodes Incorporated AP22652 Datasheet HTML 7Page - Diodes Incorporated AP22652 Datasheet HTML 8Page - Diodes Incorporated AP22652 Datasheet HTML 9Page - Diodes Incorporated AP22652 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
6 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Electrical Characteristics (continued) (@ TA = +25°C, VIN = 3.0V to 5.5V, VEN = 0V or VEN = VIN, RFAULT = 10kΩ, unless otherwise
specified.)
Symbol
Parameter
Test Conditions (Note 8)
Min
Typ
Max
Unit
Reverse Voltage Protection
VRVP
Reverse-Voltage Comparator Trip Point
VOUT - VIN
—
65
—
mV
IROCP
Reverse Current Limit
VOUT - VIN = 150mV
—
0.32
—
A
tTRIG
Time from Reverse-Voltage Condition to
MOSFET Turn Off
VIN = 5V
2
6
20
ms
Fault Flag
VOL
FAULT Output Low Voltage
IFAULT = 1mA
—
—
180
mV
IFOH
FAULT Off Current
VFAULT = 5.5V
—
—
1
µA
tBLANK
FAULT Blanking Time
Assertion or deassertion due to overcurrent and
overtemperature condition
2
6
20
ms
Thermal Shutdown
TSHDN
Thermal Shutdown Threshold
Enabled
—
+145
—
°C
THYS
Thermal Shutdown Hysteresis
Only for AP22652 and AP22653
—
+40
—
°C
Typical Performance Characteristics
VEN
90%
VOUT
tD(ON)
10%
tD(OFF)
50%
50%
tR
10%
90%
tF
VEN
90%
VOUT
tD(ON)
10%
tD(OFF)
50%
50%
tR
10%
90%
tF
Figure 1. Voltage Waveforms: AP22652/52A (Left), AP22653/53A (Right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com