Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22652 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP22652
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22652 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP22652 Datasheet HTML 8Page - Diodes Incorporated AP22652 Datasheet HTML 9Page - Diodes Incorporated AP22652 Datasheet HTML 10Page - Diodes Incorporated AP22652 Datasheet HTML 11Page - Diodes Incorporated AP22652 Datasheet HTML 12Page - Diodes Incorporated AP22652 Datasheet HTML 13Page - Diodes Incorporated AP22652 Datasheet HTML 14Page - Diodes Incorporated AP22652 Datasheet HTML 15Page - Diodes Incorporated AP22652 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
14 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1) Package Type: SOT26 (Type A1)
(2) Package Type: W-DFN2020-6 (Type A1)
E
b
D
A
A1
A2
c
L
L1
R1
R L2
0
01
Gauge Plane
Seating Plane
E1
e
e1
01
Seating Plane
DETAIL 1
DETAIL 1
D
E
A
A3
Seating Plane
A1
6
4
L
D2
b
E2
C0.20x45°
e
k
1
1
3
SOT26 (Type A1)
Dim Min Max
Typ
A
--
1.45
--
A1 0.00 0.15
--
A2 0.90 1.30
1.15
b
0.30 0.50
--
c
0.08 0.22
--
D
2.80 3.00
2.90
E
2.70 2.90
2.80
E1 1.50 1.70
1.60
e
0.95 BSC
e1
1.90 BSC
L
0.30 0.60
0.45
L1
0.60 REF
L2
0.25 BSC
R
0.10
--
--
R1 0.10 0.25
--
θ
0°
8°
4°
θ1
5°
15°
10°
All Dimensions in mm
W-DFN2020-6
Type A1
Dim
Min
Max
Typ
A
0.70
0.80
0.75
A1
0.00
0.05
0.02
A3
0.20 REF
b
0.25
0.35
0.30
D
1.90
2.10
2.00
D2
1.35
1.45
1.40
E
1.90
2.10
2.00
E2
0.55
0.65
0.60
e
0.65 BSC
k
0.20
––
––
L
0.25
0.35
0.30
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com